Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EB412R6

  • AI
    ## Overview of EB412R6 The **EB412R6** is a specific model identifier typically associated with **industrial battery chargers** or **power conversion modules**, often utilized in telecommunications, renewable energy systems, or heavy-duty industrial equipment. Below is a breakdown of the core electronic components and technical specifications generally found in this type of unit. --- ### 1. Key Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Input Voltage** | Typically 100V – 240V AC (Wide range) | | **Output Voltage** | Nominal 12V or 24V DC (Depending on configuration) | | **Current Rating** | 6A to 12A (Depending on the specific sub-series) | | **Cooling** | Passive Heat Sinks or Internal Fan | | **Protection Class** | IP20 or higher for industrial safety | --- ### 2. Core Electronic Components The device functions as a **Switch-Mode Power Supply (SMPS)**. Its internal architecture includes several critical electronic parts: #### A. Input Rectification & Filtering * **Bridge Rectifier:** Converts incoming AC voltage to pulsating DC. * **Filter Capacitors:** Large electrolytic capacitors that smooth the DC voltage to reduce ripple. * **MOV (Metal Oxide Varistor):** Protects the circuit against high-voltage surges from the grid. #### B. Switching & Control Logic * **MOSFETs/IGBTs:** Fast-switching transistors that "chop" the DC current at high frequencies to improve efficiency and reduce transformer size. * **PWM Controller IC:** The "brain" that regulates the duty cycle of the switches to maintain a steady output voltage. * **Optocouplers:** Provide galvanic isolation between the high-voltage primary side and low-voltage secondary side for safety. #### C. Output Stage * **High-Frequency Transformer:** Steps down the voltage while providing electrical isolation. * **Schottky Diodes:** Used for high-speed rectification of the output current with minimal heat loss. * **Inductors:** Used in the output filter stage to stabilize the current flow. --- ### 3. Integrated Protection Features The EB412R6 is designed with safety circuits to prevent damage to the connected batteries or the unit itself: 1. **Over-Voltage Protection (OVP):** Shuts down the unit if the output exceeds a safe threshold. 2. **Short Circuit Protection (SCP):** Instantly cuts power if the positive and negative terminals are bridged. 3. **Reverse Polarity Protection:** Prevents damage if the battery is connected backwards. 4. **Thermal Cutoff:** A thermistor monitors internal temperatures and throttles power if the unit overheats. --- ### 4. Connection Interface * **AC Input:** Standard IEC socket or terminal block. * **DC Output:** Heavy-duty screw terminals or specific battery connectors (e.g., Anderson plugs). * **LED Indicators:** Usually features Green/Red/Yellow LEDs to communicate charging status (Bulk, Absorption, Float, or Error).
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the EB412R6 model?
    • ⤷ Can this unit be used for Lithium-ion batteries or only Lead-Acid?
    • ⤷ How do I troubleshoot a red error light on this specific charger?