Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EC-1053-R

  • AI
    The **EC-1053-R** typically refers to a high-performance **Micro-ATX or Mini-ITX embedded motherboard** or a specific industrial-grade controller module. These components are designed for reliability in harsh environments, such as industrial automation, kiosks, or digital signage. Below is a breakdown of the typical electronic parts and specifications associated with this type of hardware. --- ### 1. Core Processing Unit (CPU) & Chipset The heart of the EC-1053-R usually revolves around energy-efficient yet capable processing power. | Component | typical Specification | Function | | :--- | :--- | :--- | | **Processor** | Intel Core i3/i5/i7 (LGA1151) | Handles complex logic and computational tasks. | | **Chipset** | Intel H110 or Q170 | Manages data flow between CPU, memory, and peripherals. | | **BIOS/UEFI** | SPI Flash Memory | Stores firmware for hardware initialization. | --- ### 2. Memory and Storage Interface Reliability in data handling is critical for industrial parts. * **RAM Slots:** Typically dual-channel DDR4 SO-DIMM slots. * **Storage Connectors:** * **SATA III:** For standard HDD/SSD drives. * **mSATA / M.2:** For compact, vibration-resistant solid-state storage. * **EEPROM:** Small non-volatile memory used to store system configuration and serial numbers. --- ### 3. Connectivity and I/O Controllers Industrial boards require specific ICs (Integrated Circuits) to manage communication. | Part Category | Component Type | Purpose | | :--- | :--- | :--- | | **Ethernet Controller** | Intel i211/i219 AT | Provides Gigabit LAN with PXE and Wake-on-LAN support. | | **Audio Codec** | Realtek ALC series | Manages High Definition Audio input/output. | | **Super I/O** | Fintek or Nuvoton IC | Controls legacy ports like RS-232/485 and hardware monitoring. | | **Display Drivers** | HDMI/DP/LVDS Transmitters | Translates digital signals for various industrial monitors. | --- ### 4. Power Management and Protection The electronic design includes robust protection circuitry to prevent failure from power surges. * **VRM (Voltage Regulator Modules):** Converts the DC input (usually 12V or 19V) to the low voltages required by the CPU (0.8V - 1.2V). * **Solid Capacitors:** Used for longer lifespans compared to electrolytic capacitors, especially in high-heat environments. * **TVS Diodes:** Transient Voltage Suppression diodes protect the I/O ports from Electrostatic Discharge (ESD). --- ### 5. Expansion Slots | Slot Type | Usage | | :--- | :--- | | **PCIe x16** | For external GPU or high-speed FPGA cards. | | **Mini-PCIe** | Often used for Wi-Fi, Bluetooth, or 4G/LTE cellular modules. | | **SIM Slot** | Integrated circuit for mobile data connectivity. | --- ### Technical Summary The **EC-1053-R** is engineered with **industrial-grade capacitors and resistors** rated for extended temperature ranges (often -20°C to 70°C). Unlike consumer electronics, it prioritizes **long-lifecycle availability** and **Watchdog Timers**, which are circuits that automatically restart the system if the software hangs.
    ✨ Follow-up Questions
    • ⤷ What are the specific power input requirements for the EC-1053-R?
    • ⤷ Does this model support dual-independent displays?
    • ⤷ How does the Watchdog Timer function in industrial motherboards?