Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EC0603A-R11

  • AI
    The **EC0603A-R11** refers to a specific type of Surface Mount Device (SMD) electronic component, typically categorized as a **Wire-wound Chip Inductor**. These parts are foundational in RF (Radio Frequency) and high-frequency communication circuits. --- ### 1. General Specifications The nomenclature of this part provides a map of its physical and electrical characteristics: | Feature | Description | | :--- | :--- | | **Package Size** | **0603** (Imperial) / 1608 (Metric). Dimensions: 1.6mm x 0.8mm. | | **Inductance Value** | **R11** represents 0.11 microhenries ($\mu H$) or **110 nanohenries (nH)**. | | **Construction** | Wire-wound (Copper wire wrapped around a ceramic core). | | **Mounting Type** | SMD/SMT (Surface Mount Technology). | --- ### 2. Key Technical Parameters While exact specifications can vary slightly by manufacturer (such as *Eaton* or *Pulse Electronics*), typical parameters for an R11 0603 inductor include: * **Tolerance:** Usually ±5% (J) or ±10% (K). * **Quality Factor (Q):** High Q factor (typically 25-50 at specific frequencies), making it efficient for resonant circuits. * **Self-Resonant Frequency (SRF):** Generally in the range of 1000 MHz to 1500 MHz. * **Rated Current ($I_{dc}$):** Usually handles between 300mA and 700mA. * **DC Resistance (DCR):** Low resistance, typically between 0.2Ω and 0.8Ω. --- ### 3. Application Use Cases Because of its wire-wound construction and 0603 form factor, this part is used in: 1. **Impedance Matching:** Used in the front-end of WiFi, Bluetooth, and cellular modules to match antenna impedance. 2. **Filter Circuits:** Part of Low Pass (LPF) or High Pass (HPF) filters to eliminate noise. 3. **RF Oscillators:** Used as a frequency-determining element in VCOs (Voltage Controlled Oscillators). 4. **Signal Decoupling:** Isolating high-frequency noise from DC power lines. --- ### 4. Comparison: Wire-wound vs. Multilayer | Feature | Wire-wound (EC0603A-R11) | Multilayer Inductors | | :--- | :--- | :--- | | **Q-Factor** | High (Superior signal clarity) | Lower | | **Current Handling** | Higher | Lower | | **Cost** | Slightly Higher | Lower | | **Precision** | Better tolerance | Standard |
    ✨ Follow-up Questions
    • ⤷What are the specific soldering temperature profiles recommended for 0603 wire-wound inductors?
    • ⤷ How does the SRF (Self-Resonant Frequency) affect the performance of the R11 inductor in a circuit?
    • ⤷ Can I substitute a multilayer 110nH inductor for a wire-wound one in RF applications?