Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EC0603A-R18

  • AI
    The **EC0603A-R18** is a specific type of surface-mount electronic component, typically categorized as a **High-Frequency Inductor** (often a Thin-Film or Multilayer Ceramic Inductor). Below is a detailed breakdown of its specifications and electronic properties. --- ## 1. Part Number Breakdown The part number follows a standard industry convention for passive components: | Segment | Meaning | Details | | :--- | :--- | :--- | | **EC** | Series Code | Often refers to a specific manufacturer's Thin-Film or Multilayer series. | | **0603** | Case Size | Imperial size 0603 (1.6mm x 0.8mm). | | **A** | Material/Tolerance Code | Specific formulation for high-Q or tight tolerance. | | **R18** | Inductance Value | **0.18 µH** (or 180 nH). The "R" acts as a decimal point. | --- ## 2. Technical Specifications While exact values can vary slightly by manufacturer (such as Viking or Eaton), the general specifications for an R18 (180nH) 0603 inductor are as follows: ### Electrical Characteristics | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Inductance** | 0.18 (180) | µH (nH) | | **Tolerance** | ±5% or ±10% | - | | **Quality Factor (Q)** | 15 - 25 (at 100MHz) | Min | | **Self-Resonant Frequency (SRF)** | 400 - 600 | MHz | | **DC Resistance (DCR)** | 0.5 - 1.2 | Ω (Max) | | **Rated Current (Idc)** | 100 - 300 | mA | --- ## 3. Physical Dimensions The **0603** package is one of the most common SMT (Surface Mount Technology) footprints used in modern PCB design. * **Length (L):** 1.6 mm ± 0.15mm * **Width (W):** 0.8 mm ± 0.15mm * **Thickness (T):** 0.8 mm ± 0.15mm --- ## 4. Key Applications Because this component is a low-inductance, high-frequency part, it is primarily used for: 1. **RF Circuits:** Matching networks in wireless communication devices (Wi-Fi, Bluetooth). 2. **Signal Filtering:** Low-pass or band-pass filters to remove high-frequency noise. 3. **Impedance Matching:** Ensuring maximum power transfer between an antenna and a transceiver. 4. **Decoupling:** High-speed digital lines to prevent EMI (Electromagnetic Interference). --- ## 5. Circuit Symbol and Mounting In a schematic, this part is represented by a standard inductor coil symbol. During assembly, it is placed using a SMT Pick-and-Place machine and soldered via Reflow Soldering. ```text L1 (180nH) ----( ( ( ( ---- 0603 SMT ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a thin-film and a wire-wound 0603 inductor?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect the performance of this inductor?
    • ⤷ Can you provide the footprint dimensions for a 0603 land pattern?