Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EC1008A-R18

  • AI
    The **EC1008A-R18** is a specific type of surface-mount electronic component, specifically a **Wire-Wound Chip Inductor**. These are commonly used in high-frequency (RF) circuits where precision and stability are required. ### 1. Component Identification | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor (Wire-Wound) | | **Package Size** | 1008 (Metric 2520) | | **Inductance Value** | 0.18 µH (180 nH) | | **Tolerance** | Usually ±5% or ±10% (Depending on suffix) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Technical Characteristics The "1008" designation refers to the physical dimensions of the chip, while "R18" denotes the inductance value. * **Size (1008):** Approximately 2.5mm x 2.0mm. * **Inductance (R18):** The "R" acts as a decimal point. Therefore, R18 = **0.18 µH** or **180 nH**. * **Construction:** It consists of a ceramic or ferrite core with a copper wire wrapped around it. The wire-wound construction allows for a much higher **Q-Factor** (Quality Factor) compared to multilayer inductors. --- ### 3. Key Performance Metrics When using the EC1008A-R18 in a circuit, engineers look at these specific electrical properties: 1. **Q Factor:** High Q values ensure low signal loss in resonant circuits. 2. **SRF (Self-Resonant Frequency):** The frequency at which the inductor starts acting like a capacitor. For a 180nH 1008 inductor, the SRF is typically in the range of **500 MHz to 1 GHz**. 3. **DCR (DC Resistance):** The internal resistance of the copper wire. Lower DCR is better for efficiency and preventing heat. 4. **Isat (Saturation Current):** The maximum current the inductor can handle before its inductance drops significantly. --- ### 4. Common Applications Due to its high-frequency stability, this part is typically found in: * **RF Matching Networks:** Ensuring impedance matching between antennas and transceivers. * **Filters:** Used in Low Pass or Band Pass filters for wireless communication (Wi-Fi, Bluetooth). * **Oscillators:** Providing the inductive component for LC tuning circuits. * **Decoupling:** Filtering high-frequency noise in power lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (IDC) for the EC1008A-R18?
    • ⤷ How does a wire-wound inductor differ from a multilayer inductor in RF circuits?
    • ⤷ What are the soldering temperature profiles recommended for 1008 SMD components?