Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EC1210A-R22

  • AI
    The **EC1210A-R22** is an electronic component, specifically a **Surface Mount (SMD) Wire-wound Inductor**. It is part of the 1210 series (3225 metric), designed for general-purpose electronic circuits where space-saving and reliability are key requirements. --- ### 1. Key Technical Specifications The model number "R22" indicates the inductance value. Here is a breakdown of its primary electrical characteristics: | Parameter | Specification | Note | | :--- | :--- | :--- | | **Inductance** | 0.22 µH (R22) | "R" acts as the decimal point | | **Package Size** | 1210 (3.2mm x 2.5mm) | Metric 3225 | | **Construction** | Wire-wound | Offers higher Q-factor and current handling | | **Tolerance** | Usually ±10% or ±20% | Dependent on manufacturer suffix | | **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly | --- ### 2. Component Structure The EC1210A-R22 is built using specific materials to maintain stability across various frequencies: * **Core Material:** Typically a Ceramic or Ferrite core. For lower values like 0.22µH, ceramic is often used to ensure a high Self-Resonant Frequency (SRF). * **Winding:** Copper wire is wound around the core and terminated at metallic end-caps for soldering. * **Encapsulation:** The assembly is usually molded or coated with epoxy resin to protect the wire from physical damage and moisture. --- ### 3. Applications and Use Cases Because of its small footprint and wire-wound design, this part is commonly used in: 1. **RF Circuits:** Used for impedance matching and signal filtering in high-frequency communications. 2. **Power Decoupling:** Helps filter out high-frequency noise in power supply lines for microprocessors. 3. **EMI Suppression:** Acts as a choke to prevent electromagnetic interference from affecting sensitive components. 4. **Mobile Electronics:** Ideal for smartphones, tablets, and wearables due to the 1210 form factor. --- ### 4. Advantages * **High Q-Factor:** Wire-wound inductors generally have lower DC resistance (DCR) compared to multilayer inductors, leading to better efficiency. * **Stable Inductance:** Maintains its value well under varying temperature and voltage conditions. * **Compactness:** Provides a high inductance-to-size ratio.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for this specific inductor?
    • ⤷How does the R22 (0.22µH) value compare to a 220 value in this series?
    • ⤷What are the alternatives to wire-wound inductors for 1210 packages?