Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EC1210A-R68

  • AI
    ## Overview of the EC1210A-R68 The **EC1210A-R68** is a surface-mount (SMD) power inductor, commonly used in power management circuits. It is designed to store energy in a magnetic field when electric current flows through it, providing filtering and smoothing for DC-DC converters. --- ### Key Specifications The part number typically follows a standard nomenclature where "1210" refers to the package size and "R68" refers to the inductance value. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.68 µH | The "R68" signifies 0.68 microhenries. | | **Package Size** | 1210 (Metric 3225) | Dimensions: approx. 3.2mm x 2.5mm. | | **Component Type** | Fixed Inductor | Non-adjustable energy storage component. | | **Material** | Ferrite Core | High permeability material for efficiency. | | **Mounting Type** | SMD/SMT | Surface Mount Technology for automated PCB assembly. | --- ### Functional Characteristics 1. **Low DC Resistance (DCR):** To minimize power loss and heat generation, these inductors are designed with low resistance, allowing higher efficiency in power supplies. 2. **Saturation Current:** This part is engineered to maintain its inductance even when high current levels are passed through it, preventing the core from "saturating." 3. **EMI Shielding:** Most 1210 series power inductors are constructed to minimize electromagnetic interference (EMI), which is critical for sensitive communication devices. --- ### Common Applications The EC1210A-R68 is frequently found in the following electronic systems: * **Voltage Regulator Modules (VRMs):** Used in CPUs and GPUs to stabilize voltage. * **DC-DC Converters:** Essential for stepping voltage up or down in battery-powered devices. * **Noise Filtering:** Used in signal lines to block high-frequency noise while allowing DC to pass. * **Mobile Electronics:** Smartphones and tablets utilize these due to their compact 1210 footprint. --- ### Equivalent Parts Comparison If the EC1210A-R68 is unavailable, designers often look for parts with similar footprints and current ratings: ```json { "equivalents": [ "Murata LQH32CN series", "TDK VLS3012 series", "Bourns SRN3015 series" ] } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irat) for the EC1210A-R68?
    • ⤷ How does the '1210' package size affect thermal dissipation compared to smaller sizes?
    • ⤷ What are the tolerance levels typically associated with 'R68' inductors?