Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EC36-R12M

  • AI
    The **EC36-R12M** is a specific electronic component typically categorized under high-reliability rectangular connectors or automotive-grade control modules, often associated with the **Molex CMC** or **Tyco/TE Connectivity** families. It is widely used in Engine Control Units (ECUs) and powertrain applications. --- ### ## 1. Technical Specifications Below is a breakdown of the core electronic and mechanical characteristics: | Property | Specification | | :--- | :--- | | **Pin Count** | 36 Positions | | **Configuration** | Rectangular, Multiple Rows (usually 3 or 4) | | **Contact Plating** | Tin (Sn) or Gold (Au) depending on variant | | **Current Rating** | Up to 12A (Power pins) / 2.5A (Signal pins) | | **Voltage Rating** | 250V AC/DC | | **Operating Temp** | -40°C to +125°C | | **IP Rating** | IP6K9K (when mated with seals) | --- ### ## 2. Component Design & Architecture The "EC36" designation generally refers to a 36-pin interface. Key architectural features include: * **Mechanical Coding (Keying):** The "R12M" suffix often denotes a specific keying sequence (e.g., Code M) and color coding to prevent mismatching during assembly. * **Terminal System:** Uses high-density terminal systems (like 0.64mm or 1.50mm pins). These are designed to handle high-vibration environments without signal loss. * **Sealing Technology:** Features a matte seal or perimeter seal, ensuring the electronic contacts are protected against moisture, oil, and dust. * **Lever/Slide Actuation:** Most connectors in this series use a lever-lock mechanism to ensure high mating force and secure connection. --- ### ## 3. Typical Applications These parts are engineered for harsh environments where electronic integrity is critical: 1. **Automotive ECUs:** Main interface for engine management systems. 2. **Transmission Control:** Managing electronic shifting and fluid pressure sensors. 3. **Industrial Controllers:** Heavy machinery automation where vibration resistance is required. 4. **EV/HEV Systems:** Battery management and power distribution signaling. --- ### ## 4. Material Composition * **Housing:** Glass-filled PBT (Polybutylene Terephthalate) or Nylon for high thermal stability. * **Terminals:** Copper alloy with high conductivity. * **Seals:** Silicone rubber or fluoroelastomers for chemical resistance.
    ✨ Follow-up Questions
    • ⤷ What is the specific terminal crimp tool required for the EC36-R12M pins?
    • ⤷ Are there alternative keying options (e.g.
    • ⤷ R12A or R12B) for this connector?
    • ⤷ What is the mating cycle durability rating for this specific part number?