Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EC36-R18M

  • AI
    The **EC36-R18M** is a high-performance, ruggedized automotive-grade engine control unit (ECU) connector, typically associated with high-density wiring harnesses for engine management systems. It is widely recognized in the aftermarket tuning industry (such as for VEMS or MaxxECU units). --- ## Technical Specifications Overview The "EC36" designation refers to the 36-pin configuration, and "R18M" denotes specific orientation and mounting characteristics. | Feature | Specification | | :--- | :--- | | **Pin Count** | 36 Pins | | **Connector Type** | Male (Header) | | **Mounting Style** | Right Angle (R) / PCB Mount | | **Housing Material** | Thermoplastic (High Temp) | | **Contact Material** | Copper Alloy (usually Tin or Gold plated) | | **Pitch** | Variable (Industrial Standard) | --- ### Key Electronic Components & Materials 1. **Contact Pins:** * Designed for low resistance and high current carrying capacity. * Usually rated for **5A to 10A** per pin depending on the wire gauge and thermal environment. 2. **Housing Insulation:** * Made from glass-filled PBT or similar polymers to withstand engine bay temperatures (up to 125°C). * Provides high dielectric strength to prevent arcing between signal and power pins. 3. **Mechanical Locking:** * Features a secondary locking mechanism (TPA - Terminal Position Assurance) to ensure pins do not back out under high-vibration conditions. --- ### Pinout Configuration Logic In the context of ECUs, the 36-pin layout is generally divided into functional clusters: * **Power & Ground:** Larger trace widths on the PCB side to handle return currents. * **Analog Inputs:** Shielded or grouped for sensors (TPS, CLT, IAT, MAP). * **Digital/Trigger Inputs:** Dedicated pins for Crank and Cam signals, often requiring high-speed processing. * **Output Drivers:** Used for Injectors and Ignition coils (High-current switching). --- ### Typical Usage Scenario The **EC36-R18M** is most commonly found as the main interface on the PCB of a standalone ECU. ```c // Pseudocode for Pin Mapping in Firmware #define INJECTOR_1_PIN EC36_PIN_7 #define IGNITION_1_PIN EC36_PIN_33 #define SENSOR_GROUND EC36_PIN_26 ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the mating female connector part number for the EC36-R18M?
    • ⤷ What are the specific current ratings for the power pins on this connector?
    • ⤷ Is the EC36-R18M waterproof (IP rated) without an external enclosure?