Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EC36-R22M

  • AI
    ### Overview of the EC36-R22M The **EC36-R22M** is a high-performance power inductor, typically categorized under SMD (Surface Mount Device) power inductors. It is widely used in power management circuits for voltage regulation and filtering. --- ### Technical Specifications Below are the primary electronic characteristics typical for this component series: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.22 µH (Microhenries) | | **Tolerance** | ±20% (M denotes tolerance) | | **DC Resistance (DCR)** | Very Low (mΩ range) | | **Saturation Current ($I_{sat}$)** | High (designed for high-current loops) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | Shielded SMD | --- ### Key Electronic Features #### 1. Low DC Resistance (DCR) The "R22M" indicates a low inductance value (0.22µH). In electronic design, lower inductance values in this class allow for extremely low DCR, which minimizes power loss through heat dissipation ($P = I^2R$). #### 2. Magnetic Shielding The EC36 series is generally **shielded**. This is crucial in dense PCB layouts to: * Prevent Electromagnetic Interference (EMI) with neighboring components. * Reduce audible noise (buzzing) during high-frequency switching. #### 3. High Saturation Current Because it is a 0.22µH inductor, it is built to handle high peak currents without the magnetic core "saturating." When a core saturates, inductance drops sharply, which can lead to circuit failure. --- ### Common Applications The EC36-R22M is typically found in the following electronic environments: 1. **DC-DC Converters:** Used in Buck, Boost, or Buck-Boost regulators. 2. **Voltage Regulator Modules (VRMs):** Found near CPUs and GPUs to handle high-speed current transients. 3. **Battery Powered Devices:** Used in smartphones and tablets where space is tight and efficiency is critical. 4. **Networking Equipment:** Used in high-speed routers and switches for clean power delivery. --- ### Coding Example: Calculating Ripple Current When using this inductor in a Buck Converter, you might calculate the ripple current ($\Delta I_L$) using the following logic: ```python def calculate_ripple(v_in, v_out, frequency, inductance): # D = Duty Cycle duty_cycle = v_out / v_in # Formula: delta_I = (V_in - V_out) * D / (f * L) ripple = ((v_in - v_out) * duty_cycle) / (frequency * inductance) return ripple # Parameters for EC36-R22M L = 0.22e-6 # 0.22 uH Vin = 12.0 Vout = 1.2 Freq = 500000 # 500 kHz print(f"Inductor Ripple Current: {calculate_ripple(Vin, Vout, Freq, L):.2f} Amps") ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the EC36-R22M?
    • ⤷ How does the 'M' suffix affect the component's performance in a circuit?
    • ⤷ What are the physical dimensions of the EC36 package?