Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EC36-R27M

  • AI
    Based on the part number **EC36-R27M**, this component is a **Molded Inductor** (Fixed Inductor). It is commonly used in power management circuits, signal filtering, and DC-DC converters. --- ### 1. Part Number Deciphering The alphanumeric code follows a standard industry naming convention for passive components: | Segment | Meaning | Description | | :--- | :--- | :--- | | **EC** | Series Type | Often refers to an Encapsulated or Epoxy Coated inductor series. | | **36** | Physical Size | Typically denotes the case size (e.g., 3.0mm x 6.0mm or similar metric dimensions). | | **R27** | Inductance Value | The "R" acts as a decimal point. **0.27 µH** (Microhenries). | | **M** | Tolerance | Standard code for **±20%** tolerance. | --- ### 2. Technical Specifications While exact specs can vary by manufacturer (such as Taiyo Yuden or Bourns equivalents), a standard **0.27µH** molded inductor in this class generally features: * **Inductance:** 0.27 µH * **Tolerance:** ±20% * **Core Material:** Ferrite or Iron Powder (depending on the specific frequency requirements). * **Structure:** Molded/Shielded (to minimize Electromagnetic Interference - EMI). * **Operating Temperature:** Usually ranges from -40°C to +125°C. --- ### 3. Key Electronic Functions 1. **Energy Storage:** In switching power supplies, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Suppression:** Acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass. 3. **Current Smoothing:** Reduces ripple current in voltage regulator modules (VRMs). --- ### 4. Common Applications * **Portable Electronics:** Smartphones and tablets where space is limited. * **Computing:** DC-to-DC conversion on motherboards. * **Automotive:** Infotainment systems and sensor power regulation. --- ### 5. Equivalent/Alternative Components If the EC36-R27M is unavailable, engineers typically look for: * **IHLP Series (Vishay):** High-current molded inductors. * **SRP Series (Bourns):** Shielded power inductors. * **DFE Series (Murata):** Metal alloy inductors for high-density layouts.
    ✨ Follow-up Questions
    • ⤷ What are the typical current ratings (Ampere) for an inductor of this size?
    • ⤷ How does the 'M' tolerance compare to 'K' or 'J' in electronic components?
    • ⤷ What is the difference between a molded inductor and a wire-wound inductor?