Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EC36-R33M

  • AI
    The **EC36-R33M** is an electronic component primarily categorized as a **Surface Mount Device (SMD) Power Inductor**. These are essential in power management circuits to store energy in a magnetic field. --- ### 1. Key Technical Specifications Based on standard industry naming conventions for the EC36 (3.6mm class) and R33M (value) series, the typical specifications are: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.33 µH (Microhenries) | | **Tolerance** | ±20% (indicated by the 'M') | | **Case Size** | Approximately 3.6mm x 3.6mm (Series 36) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **DCR (DC Resistance)** | Very Low (typically < 10 mΩ) | | **Shielding** | Usually Shielded (to prevent EMI) | --- ### 2. Breakdown of the Part Number Understanding the alphanumeric code helps in identifying the component's properties: * **EC**: Manufacturer or Series prefix (common in high-current power inductor series). * **36**: Refers to the physical dimensions (e.g., a square footprint of roughly 3.6mm). * **R33**: The Inductance value. The "R" acts as a decimal point. **R33 = 0.33 µH**. * **M**: The Tolerance code. **M stands for ±20%**. --- ### 3. Functional Role in Electronics The EC36-R33M is designed for high-frequency switching environments. Its primary roles include: 1. **Energy Storage:** Used in DC-DC converters (Buck or Boost) to store energy during the switching cycle. 2. **Filtering:** Used in LC filters to smooth out ripple current from power supplies, providing clean power to sensitive components like CPUs or GPUs. 3. **High Current Handling:** Due to the low inductance value (0.33 µH), this part is typically capable of handling high saturation currents, making it ideal for high-efficiency power stages. --- ### 4. Common Applications These inductors are found in compact, high-performance electronics: * **Mobile Devices:** Smartphones and tablets. * **Computing:** VRMs (Voltage Regulator Modules) on motherboards and laptops. * **IoT Devices:** Small-scale power management units. * **Automotive:** Infotainment systems and sensor power supplies.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the EC36-R33M?
    • ⤷ Can this inductor be used in high-temperature automotive environments?
    • ⤷ What are the common alternatives to the EC36 series for smaller PCB footprints?