Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EC36-R56M

  • AI
    ## EC36-R56M Electronic Component Analysis The **EC36-R56M** is a specific type of passive electronic component, primarily categorized as a **fixed inductor**. Below is a detailed breakdown of its technical specifications, construction, and common applications. ### 1. Technical Specifications The part number follows a standard industry naming convention for inductors. Here is the technical breakdown: | Parameter | Value / Detail | | :--- | :--- | | **Component Type** | Fixed Inductor (Leaded) | | **Inductance Value** | 0.56 µH (Microhenries) | | **Tolerance** | ±20% (Indicated by 'M') | | **Package/Case** | EC36 (Conformal Coated, Axial Leaded) | | **Core Material** | Typically Ferrite or Iron Powder | | **Mounting Type** | Through-hole | --- ### 2. Detailed Part Number Breakdown To understand this component, we can deconstruct the code: * **EC36**: Refers to the physical dimensions and style. The "36" usually denotes the body size (roughly 3.0mm diameter x 6.0mm length). * **R56**: This is the inductance code. In inductor labeling, "R" acts as the decimal point. Therefore, R56 = **0.56**. * **M**: This signifies the tolerance. * J = ±5% * K = ±10% * **M = ±20%** --- ### 3. Construction and Appearance The EC36 series is commonly known as a **"Color Ring Inductor"** or **"Peanut Inductor"** because it resembles a resistor. * **Coating:** It is usually finished with a green or blue epoxy resin (conformal coating) to protect the wire windings from moisture and mechanical stress. * **Marking:** It often uses a color-coding system (similar to resistors) to indicate the value, though some manufacturers print the digits directly on the body. * **Leads:** Tin-plated copper leads for easy soldering onto Printed Circuit Boards (PCBs). --- ### 4. Common Applications Due to its small size and specific inductance value (0.56 µH), the EC36-R56M is typically used in high-frequency circuits for: 1. **RF Filtering:** Used in radio frequency circuits to block unwanted noise while allowing desired signals to pass. 2. **Decoupling:** Filtering high-frequency noise from power supply lines to prevent interference in sensitive ICs. 3. **Oscillators:** Serving as a reactive element in LC (Inductor-Capacitor) resonance circuits. 4. **Signal Processing:** Used in consumer electronics like televisions, radios, and telecommunication devices. --- ### 5. Alternatives and Equivalents If you are looking for a replacement, you must match the **Inductance (0.56µH)** and the **DC Resistance (DCR)**. If the DCR is too high, the component may overheat or cause voltage drops.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the EC36-R56M inductor?
    • ⤷ How do I read the color bands on an EC36 series inductor?
    • ⤷ Can I replace a 0.56µH inductor with a 0.47µH inductor in an RF circuit?