Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EC600-RPSA06C6-R

  • AI
    The **EC600-RPSA06C6-R** is a specific variant of the Quectel EC600N series, which is an ultra-compact LTE Cat 1 module optimized specifically for M2M and IoT applications. --- ### 1. Core Technical Specifications The module is built on a high-performance architecture designed for low-power wide-area (LPWA) communication. | Feature | Specification | | :--- | :--- | | **Form Factor** | LCC Package (Compact) | | **Network Type** | LTE Cat 1 | | **Max DL Speed** | 10 Mbps | | **Max UL Speed** | 5 Mbps | | **Supply Voltage** | 3.4V ~ 4.5V (Typ. 3.8V) | | **Dimensions** | 17.7mm × 15.8mm × 2.4mm | --- ### 2. Key Electronic Components & Interfaces The internal circuitry and external pinouts provide a robust set of interfaces for hardware integration: * **Processor & Modem:** Integrated ARM Cortex-R5 processor with embedded flash and RAM to handle the cellular stack and OpenCPU applications. * **Power Management (PMU):** Specialized low-leakage PMIC to support extended battery life in "Deep Sleep" modes. * **RF Front-End:** Includes integrated power amplifiers (PA) and low-noise amplifiers (LNA) specifically tuned for the frequency bands supported by the "R" variant. * **I/O Interfaces:** * **UART:** High-speed interfaces for AT commands and data debugging. * **USB 2.0:** Used for high-speed data transfer and firmware updates. * **SIM Interface:** Supports 1.8V/3.0V (U)SIM cards. * **GPIOs:** Configurable pins for controlling external peripherals like LEDs or sensors. * **I2C/SPI:** For communication with external sensors or displays. --- ### 3. Part Number Decoding The suffix **RPSA06C6-R** identifies specific regional and software configurations: * **EC600N:** The base series (LTE Cat 1). * **CN/EU/LA:** Regional identifiers (This specific code usually points to a regional variation for China/Asia or Global depending on the latest carrier certification). * **R:** Generally indicates a specific hardware revision or "RoHS" compliance status. * **S:** Often denotes "Standard" firmware or specific memory density. --- ### 4. Hardware Design Considerations When integrating the EC600-RPSA06C6-R into a PCB, engineers must focus on: 1. **Antenna Impedance:** The RF_ANT pin must be matched to **50Ω**. 2. **Decoupling:** Large capacitors (e.g., 100μF tantalum + 100nF/10pF ceramic) are required on the VBAT line to handle current bursts during transmission (up to 2A). 3. **Level Shifting:** If the host MCU uses 3.3V or 5V logic, a level shifter is required as the module's I/O voltage is typically **1.8V**.
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency bands supported by the EC600-RPSA06C6-R?
    • ⤷ Does this module support OpenCPU for running custom C/C++ code?
    • ⤷ What is the typical power consumption in Power Saving Mode (PSM)?