Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EC622-RPS

  • AI
    The **EC622-RPS** is a high-performance, industrial-grade redundant power supply system commonly used in server chassis, network switches, and mission-critical industrial computers. The "RPS" stands for **Redundant Power System**, ensuring that if one power module fails, the secondary module takes over without downtime. --- ### Core Electronic Components The system is composed of several critical electronic subsystems designed for high efficiency and reliability: | Component Category | Description | Key Electronic Parts | | :--- | :--- | :--- | | **Power Modules** | The hot-swappable units that convert AC to DC. | MOSFETs, Bridge Rectifiers, Electrolytic Capacitors. | | **Backplane PCB** | The distribution board that connects modules to the system. | High-current Busbars, Edge Connectors, Diodes. | | **Control Logic** | Manages load balancing and fault detection. | Microcontrollers (MCU), PWM Controllers, Comparators. | | **Protection Circuitry** | Prevents damage from electrical anomalies. | TVS Diodes, Fuses, Varistors (MOV). | --- ### Key Technical Specifications Modern EC622-RPS units typically follow these electronic parameters: 1. **Input Rectification:** Uses active **Power Factor Correction (PFC)** circuits to ensure high energy efficiency (often 80 Plus Gold or Platinum rated). 2. **DC-DC Conversion:** Utilizes **Step-Down (Buck) Converters** to transform the high-voltage internal DC rail into 12V, 5V, and 3.3V outputs for the motherboard. 3. **ORing FETs:** Instead of standard diodes (which lose energy as heat), these systems use **Active ORing** (specialized MOSFETs) to switch between power modules with near-zero voltage drop. --- ### Monitoring and Connectivity The EC622-RPS usually includes a communication interface for system health monitoring: * **SMBus / I2C:** Allows the computer's BIOS or Operating System to read fan speed, temperature, and wattage usage. * **Status LEDs:** * **Green:** Normal operation. * **Amber/Red:** Power module failure or fan stall. * **Blinking:** Standby mode or firmware update. --- ### Safety Features (Electronic Protections) ```json { "OVP": "Over Voltage Protection - Shuts down if voltage exceeds 110-130%", "OCP": "Over Current Protection - Prevents fire during short circuits", "OTP": "Over Temperature Protection - Thermal sensors trigger shutdown", "SCP": "Short Circuit Protection - Instantaneous latch-off" } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between active and passive redundancy in RPS systems?
    • ⤷ How do I troubleshoot a 'solid amber' light on an EC622-RPS module?
    • ⤷ Can the EC622-RPS be monitored remotely via IPMI?