ECKATS102MB
AI

The part number **ECKATS102MB** refers to a high-voltage ceramic disc capacitor manufactured by **Panasonic**. These components are specifically designed for interference suppression and safety across line applications.
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the ECKATS102MB:
| Feature | Specification |
| :--- | :--- |
| **Capacitance** | 1000 pF (1.0 nF) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Voltage Rating** | 250V AC (X1/Y2 Safety Rated) |
| **Dielectric Material** | Ceramic (Class 2) |
| **Temperature Characteristic** | B (±10% max change over range) |
| **Mounting Type** | Through-Hole |
| **Lead Style** | Radial Disc |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the component's role:
* **ECK**: Panasonic's series prefix for Ceramic Capacitors.
* **ATS**: Sub-series indicating safety standard compliance (Class X1/Y2).
* **102**: Capacitance code. The first two digits (10) are significant figures, and the third (2) is the multiplier ($10 \times 10^2 = 1000$ pF).
* **M**: Tolerance code ($\pm20\%$).
* **B**: Packaging or lead style code (typically bulk or specific lead crimp).
---
### 3. Key Features and Applications
The ECKATS series is engineered for durability and safety in power-sensitive environments.
#### Safety Ratings
* **Class X1:** Designed for use between "Line and Line." It can withstand high impulse voltages (up to 4kV).
* **Class Y2:** Designed for use between "Line and Ground." These are "fail-safe" capacitors; if they fail, they are designed not to lead to an electric shock.
#### Common Applications
1. **EMI/RFI Filtering:** Removing high-frequency noise from AC power lines.
2. **Switching Power Supplies (SMPS):** Used in the input filter stage.
3. **Household Appliances:** Ensuring washing machines, fridges, and ovens meet electromagnetic compatibility (EMC) standards.
4. **Antenna Coupling:** Providing isolation in radio and TV circuits.
---
### 4. Circuit Example
In a typical power supply filter, the capacitor is placed as follows:
```text
AC Line (L) ----[ Fuse ]----------+---------- (Rectifier)
|
[ECKATS102MB] <-- X-Capacitor Mode
|
AC Neutral (N) -------------------+---------- (Rectifier)
```
- ⤷
What is the difference between X1 and Y2 safety ratings?
- ⤷ Are there direct equivalents from other manufacturers like Murata or TDK?
- ⤷ What is the maximum operating temperature for the ECKATS series?