Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ECM-RPLP-70P

  • AI
    The **ECM-RPLP-70P** is a high-performance, small-form-factor industrial motherboard (3.5-inch Single Board Computer) designed by Avalue Technology. It is built around the **Intel® 13th Generation Core™ Processors** (codenamed Raptor Lake-P). Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Core Processing & Architecture The board is designed for edge computing and industrial automation, utilizing the high-efficiency hybrid architecture of 13th Gen Intel chips. | Component | Specification | | :--- | :--- | | **CPU Support** | Intel® 13th Gen Core™ i7/i5/i3 and Celeron® Processors (Raptor Lake-P) | | **Memory** | 2 x 262-pin DDR5 4800MHz SO-DIMM sockets (Up to 64GB) | | **BIOS** | AMI EFI | | **TPM** | Hardware TPM 2.0 integrated for security | --- ### 2. Connectivity and I/O Interface The "70P" series is characterized by high-speed data throughput and multiple display outputs. #### Networking & Communication * **Ethernet:** Usually features dual LAN ports (e.g., Intel® I226-IT 2.5GbE and Intel® I219-LM GbE). * **Expansion:** * M.2 Key-E (for WiFi/BT modules). * M.2 Key-B (for 4G/5G or SATA modules). * M.2 Key-M (PCIe Gen4 x4 for high-speed NVMe SSDs). #### Display & Audio * **Multiple Displays:** Supports up to 4 independent displays. * **Interfaces:** 2 x HDMI 2.0b, 1 x DP 1.4, and 1 x LVDS or eDP (internal header). * **Audio:** Realtek ALC888S High Definition Audio codec. --- ### 3. Power and Electrical Characteristics As an industrial board, it is designed for stability under varying electrical conditions. | Feature | Details | | :--- | :--- | | **Input Voltage** | +12V to +24V DC-in (Wide voltage support) | | **Power Connector** | 4-pin internal power connector or DC Jack | | **Operating Temp** | 0°C ~ 60°C (Standard) / -40°C ~ 85°C (Wide Temp options available) | | **Storage Temp** | -40°C ~ 85°C | --- ### 4. Storage & Peripheral Headers The board provides several internal headers for industrial integration: * **SATA:** 1 x SATA III (6Gb/s). * **USB:** 4 x USB 3.2 Gen 2 (External), 4 x USB 2.0 (Internal headers). * **Serial Ports:** 2 x COM ports (RS-232/422/485 supported). * **GPIO:** 16-bit General Purpose I/O. --- ### Summary of Key Advantages 1. **DDR5 Support:** Transitioning to DDR5 provides significantly higher bandwidth and lower power consumption compared to previous generations. 2. **Intel Iris® Xe Graphics:** High-quality integrated graphics suitable for AI inference and medical imaging. 3. **Compact Ruggedness:** The 3.5-inch form factor allows it to fit into tight enclosures for kiosks, digital signage, and robotics.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the ECM-RPLP-70P under full load?
    • ⤷ Does this board support vPro technology for remote management?
    • ⤷ What are the compatible OS options for the Raptor Lake-P architecture?