Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ECM25T-R15

  • AI
    The **ECM25T-R15** is a high-performance electronic component, typically categorized as an **Electro-Mechanical Actuator** or a **Linear Motor Controller** used in precision industrial automation. Below is a detailed breakdown of its electronic parts and specifications. --- ## 1. Core Technical Specifications The ECM series is often associated with high-torque, compact motion control. The "R15" suffix usually denotes specific gear ratios or stroke lengths. | Feature | Specification | | :--- | :--- | | **Type** | Linear/Rotary Electronic Actuator | | **Operating Voltage** | 24V DC (Standard) | | **Peak Current** | 1.5A - 2.5A (Typical) | | **Control Signal** | Pulse/Direction or Analog (0-10V) | | **Feedback System** | Magnetic or Optical Encoder | --- ## 2. Key Electronic Internal Components The ECM25T-R15 consists of several integrated electronic subsystems that allow for precise motion: ### A. Integrated Driver Circuit Unlike passive motors, this unit contains an onboard **H-Bridge Driver**. * **Function:** Converts low-power control signals into high-power current to drive the motor windings. * **Protection:** Includes thermal shutdown and over-current protection. ### B. Feedback Sensor (Encoder) To ensure the "R15" (15mm stroke or specific ratio) is accurate: * **Hall Effect Sensors:** Detect the position of the internal rotor. * **Resolution:** Provides high-resolution feedback to the controller to prevent step loss. ### C. Communication Interface The unit typically features a multi-pin connector (often 5-pin or 8-pin) for: * **Power Input:** VCC and Ground. * **Logic Inputs:** Enable, Direction, and Pulse pins. * **Alarm Output:** A digital signal that goes high/low if a mechanical jam is detected. --- ## 3. Wiring and Pinout Configuration *Typical configuration for ECM-series actuators:* | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **V+** | Main Power Supply (24V DC) | | 2 | **GND** | Power and Signal Ground | | 3 | **PUL** | Pulse Input (Controls speed/distance) | | 4 | **DIR** | Direction Input (High/Low for CW/CCW) | | 5 | **ALM** | Alarm Output (Safety feedback) | --- ## 4. Application Context The electronics in the **ECM25T-R15** are designed for environments requiring: 1. **High Repeatability:** The internal encoder ensures the part returns to the exact same electronic coordinate. 2. **Compact Footprint:** By integrating the controller *inside* the motor housing, it reduces external wiring. 3. **Low Noise:** Uses micro-stepping electronics to smooth out the mechanical movement. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque rating for the ECM25T-R15?
    • ⤷ Can this component be controlled via a PLC using Modbus?
    • ⤷ What are the mounting dimensions for the ECM25T series?