Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ECM25T-R68

  • AI
    The **ECM25T-R68** is a specialized power electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor**. These parts are critical in modern electronics for energy storage and noise filtering within power management circuits. --- ### 1. Technical Specifications The part number "R68" typically signifies the inductance value. Below is a breakdown of its general technical profile: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Inductance** | 0.68 µH (Microhenries) | | **Package Type** | Surface Mount Device (SMD) | | **Construction** | Wire-wound with Magnetic Shielding | | **Core Material** | Ferrite or Composite Metal Powder | | **Mounting Style** | PCB Solder Pads | --- ### 2. Key Features * **High Current Capability:** Designed to handle high saturation currents without the inductance dropping significantly. * **Low DC Resistance (DCR):** Minimizes power loss (heat) during operation, increasing the efficiency of the power supply. * **Magnetic Shielding:** Most "ECM" series inductors are shielded to prevent Electromagnetic Interference (EMI) from affecting nearby sensitive components. * **Compact Footprint:** The "25" often refers to the physical dimensions (e.g., 2.5mm x 2.0mm), making it suitable for compact mobile or IoT devices. --- ### 3. Application Areas The ECM25T-R68 is primarily used in high-frequency switching environments: 1. **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) converters to smooth out current ripples. 2. **Voltage Regulator Modules (VRM):** Found on motherboards and GPU power phases to provide stable voltage to processors. 3. **Portable Electronics:** Ideal for smartphones, tablets, and wearables due to its small size and high efficiency. 4. **Noise Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines. --- ### 4. Part Number Breakdown (Typical) While manufacturers vary slightly, the nomenclature usually follows this logic: * **ECM:** Series identifier (Indicates a specific material or construction style). * **25:** Dimensions (often 2.5mm length/width). * **T:** Packaging (often denotes "Tape and Reel" for automated assembly). * **R68:** Inductance value ($0.68 \mu H$).
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the ECM25T-R68?
    • ⤷ How does R68 compare to a 1R0 inductor in terms of performance?
    • ⤷ Are there specific soldering temperature profiles recommended for this SMD component?