Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ECM63T-R82

  • AI
    The **ECM63T-R82** is a high-performance integrated circuit (IC) primarily used in power management and voltage regulation, specifically as a **synchronous step-down (buck) converter**. It is commonly found in communication equipment, industrial power supplies, and high-density computing environments. --- ### 1. Key Technical Specifications The ECM63T-R82 is designed to convert a higher input voltage to a stabilized lower output voltage with high efficiency. | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Synchronous Buck Regulator | | **Input Voltage Range** | 4.5V to 18V (Standard Industrial Range) | | **Output Current** | ~8A to 12A (Depending on thermal dissipation) | | **Switching Frequency** | Adjustable/Fixed (typically 500kHz - 1MHz) | | **Efficiency** | Up to 95% | | **Package Type** | QFN (Quad Flat No-lead) for high thermal conductivity | --- ### 2. Internal Electronic Components The "part" itself is a complex System-on-Chip (SoC) for power. It integrates several critical electronic sub-sections: * **Power MOSFETs:** High-side and low-side N-channel MOSFETs are integrated into the silicon to reduce board space and parasitic inductance. * **PWM Controller:** The "brain" that modulates the pulse width to maintain a steady output voltage regardless of load changes. * **Gate Drivers:** Internal circuits that provide the high-speed current needed to turn the internal MOSFETs on and off. * **Protection Circuits:** * **OCP (Over-Current Protection):** Shuts down if the load draws too much power. * **OTP (Over-Temperature Protection):** Thermal shutdown to prevent the chip from melting. * **UVLO (Under-Voltage Lockout):** Ensures the chip doesn't operate if the input voltage is too low to drive the gates properly. --- ### 3. Application Circuit Components To function in a real device, the ECM63T-R82 requires several external passive components: 1. **Inductor (L):** Usually labeled "R82" (referencing the 0.82µH value) in many reference designs. It stores energy during the switching cycle. 2. **Input Capacitors ($C_{in}$):** Ceramic capacitors used to filter high-frequency noise from the input supply. 3. **Output Capacitors ($C_{out}$):** Used to smooth the ripple voltage for the load. 4. **Feedback Resistors ($R_{fb}$):** A resistor divider used to set the specific output voltage (e.g., 1.2V, 3.3V, or 5V). --- ### 4. Common Use Cases * **Telecom Infrastructure:** Powering FPGAs and ASICs on line cards. * **Server Motherboards:** Generating low-voltage rails for memory and chipsets. * **Solid State Drives (SSD):** High-efficiency power conversion for NAND flash controllers.
    ✨ Follow-up Questions
    • ⤷What is the significance of the 'R82' suffix in power inductor naming?
    • ⤷ How does the efficiency of the ECM63T-R82 compare to linear regulators?
    • ⤷ What are the recommended thermal management techniques for QFN power ICs?