Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ECNR30

  • AI
    The **ECNR30** typically refers to a high-performance **Class RK5 Time-Delay Fuse**, often part of the Edison (Eaton) series. These are critical electronic components used for overcurrent protection in industrial and commercial electrical systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Current Rating** | 30 Amperes | | **Voltage Rating** | 250 VAC (Volts AC) | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical | | **Fuse Class** | Class RK5 | | **Type** | Time-Delay / Dual-Element | | **Visual Indicator** | Often features a "SmartSpot" indicator (on specific models) | --- ### 2. Core Electronic Components & Construction The ECNR30 is a **Dual-Element** fuse, meaning it contains two distinct mechanisms inside its body to handle different types of electrical faults: #### A. The Thermal Element (Overload Protection) * **Function:** Handles low-level overcurrents (temporary surges). * **Mechanism:** Consists of a spring-loaded trigger assembly and a heat-absorbing solder joint. If the current stays slightly above 30A for too long, the solder melts, and the spring pulls the circuit apart. * **Benefit:** Allows for "Time-Delay," preventing the fuse from blowing during normal motor startups or temporary power spikes. #### B. The Instantaneous Element (Short Circuit Protection) * **Function:** Handles massive, immediate surges (Short Circuits). * **Mechanism:** Usually a notched copper or silver-plated link surrounded by **silica sand**. * **Action:** In a short circuit, the link vaporizes instantly. The sand quenches the resulting electrical arc and cools the gases to prevent the fuse casing from exploding. --- ### 3. Comparison: ECNR (RK5) vs. ECSR (RK5) While both belong to the same family, the primary difference lies in the voltage application: | Model | Voltage Max | Common Application | | :--- | :--- | :--- | | **ECNR30** | 250V | Residential/Light Industrial (Motors, Transformers) | | **ECSR30** | 600V | Heavy Industrial (Large Machinery, HV Systems) | --- ### 4. Typical Applications The electronic characteristics of the ECNR30 make it ideal for: 1. **Motor Branch Circuits:** Because it can handle the "In-rush" current when a motor starts. 2. **Control Transformers:** Protects delicate windings from overheating. 3. **General Mains/Feeders:** Provides a high interrupting rating to stop massive faults from damaging building wiring.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK5 and an RK1 fuse?
    • ⤷ How does the 'SmartSpot' indicator work on these fuses?
    • ⤷ Can an ECNR30 fuse be used in a DC circuit?