Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EE-1010-R2M

  • AI
    The **EE-1010-R2M** is a specialized connector cable assembly designed specifically for use with Omron's line of **Photomicrosensors** (optical switches). It serves as the bridge between the sensor and the control system (like a PLC or microcontroller). --- ### 1. Key Technical Specifications The following table outlines the core electronic and physical attributes of the EE-1010-R2M: | Feature | Specification | | :--- | :--- | | **Component Type** | Connector with Cable | | **Compatible Sensors** | Omron EE-SX Series (e.g., EE-SX67 series) | | **Cable Length** | 2 Meters (Standard) | | **Wire Configuration** | 4-wire (Brown, Blue, Black, White) | | **Connector Type** | Dedicated Omron Snap-on | | **Material** | Polyvinyl Chloride (PVC) Jacket | --- ### 2. Wiring Configuration (Pinout) The EE-1010-R2M follows a standard industrial color code to allow for various output modes (Dark-ON vs. Light-ON). | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | $+\text{V}_{CC}$ | Positive Power Supply (typically 5-24V DC) | | **Blue** | $0V$ / GND | Negative Power Supply / Ground | | **Black** | Output 1 | Main Switching Output | | **White** | Output 2 / Control | Typically used for Mode Selection (L/D) | --- ### 3. Electronic Characteristics * **Secure Connection:** The connector features a locking mechanism that ensures the electrical contact remains stable even in high-vibration industrial environments. * **Voltage Rating:** While the cable itself is passive, it is rated to handle the typical operating voltages of optical sensors, usually up to **24V DC**. * **Application:** It is primarily used in **NPN or PNP** transistor output circuits. By connecting the White wire to the Brown or Blue wire, the user can toggle between "Light-ON" (output active when light is received) and "Dark-ON" (output active when the beam is broken). --- ### 4. Usage Example When connecting the EE-1010-R2M to an Arduino or PLC, use the following logic: ```cpp // Example: Reading a sensor using the Black wire (Output) const int sensorPin = 2; // Connected to Black Wire void setup() { pinMode(sensorPin, INPUT_PULLUP); Serial.begin(9600); } void loop() { int sensorState = digitalRead(sensorPin); if (sensorState == LOW) { Serial.println("Object Detected"); } } ```
    ✨ Follow-up Questions
    • ⤷ Which specific Omron sensor models are compatible with the EE-1010-R2M?
    • ⤷ How do I wire the white wire to change between Light-ON and Dark-ON modes?
    • ⤷ Is there a shorter cable version available for this connector?