EEEHD1A472AM
AI

The **EEE-HD1A472AM** is a specific part number for a surface-mount (SMD) aluminum electrolytic capacitor manufactured by **Panasonic**. It belongs to the **HD Series**, which is characterized by high temperature resistance and low impedance.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Capacitance** | 4700 µF |
| **Voltage Rating** | 10 V DC |
| **Tolerance** | ±20% (at 120 Hz, +20°C) |
| **Operating Temperature** | -55°C to +105°C |
| **Endurance** | 5000 hours at 105°C |
| **Impedance** | Low Impedance (High reliability) |
| **Case Size (Diameter × L)** | 16.0 mm × 16.5 mm |
| **Mounting Type** | Surface Mount (SMD / V-Type) |
---
### 2. Part Number Breakdown
Understanding the Panasonic coding system helps in identifying the component's properties:
* **EEE**: Surface Mount Type Aluminum Electrolytic Capacitor.
* **HD**: Series name (High temperature, Low impedance).
* **1A**: Voltage code for **10V**.
* **472**: Capacitance code. The first two digits (47) are significant figures; the third (2) is the multiplier (10²). $47 \times 100 = 4700$ µF.
* **AM**: Size code and packaging variation.
---
### 3. Key Features & Applications
#### Features
* **Longevity:** Rated for 5,000 hours at its maximum temperature, making it suitable for long-life industrial applications.
* **Reflow Soldering:** Designed to withstand the high temperatures of lead-free reflow soldering processes.
* **Compactness:** High capacitance-to-volume ratio compared to older through-hole designs.
#### Typical Applications
1. **Power Supplies:** Used for smoothing and filtering ripple voltage in DC-DC converters.
2. **Automotive Electronics:** Suitable for infotainment or body control modules due to the 105°C rating.
3. **Industrial Equipment:** High-density PCB designs requiring stable energy storage.
4. **Consumer Electronics:** High-end audio or visual equipment where low impedance is required to reduce noise.
---
### 4. Comparison with Standard Capacitors
Compared to the standard "S" series, the **HD series** offers:
* Higher ripple current capability.
* Lower ESR (Equivalent Series Resistance).
* Significantly longer life (5000h vs 1000h-2000h).
- ⤷
What are the recommended reflow soldering profiles for the Panasonic HD series?
- ⤷ Are there vibration-proof versions available for this specific part number?
- ⤷ How does the ESR of this capacitor change at sub-zero temperatures?