Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EM14R0B-R24-R032S

  • AI
    The **EM14R0B-R24-R032S** is a high-precision rotary optical encoder manufactured by **Bourns**. Unlike standard mechanical potentiometers, this device uses optical sensing technology to provide long-life digital feedback for electronic circuits. --- ### 1. Technical Specifications Breakdown The part number encodes specific electrical and mechanical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Technology** | Optical Encoder | Non-contacting sensing for extreme longevity. | | **Output Type** | 2-bit Quadrature | Provides direction and speed information. | | **Resolution** | 32 Pulses per Revolution (PPR) | Number of digital pulses sent per 360° turn. | | **Supply Voltage** | 5.0 VDC | Standard logic level for microcontrollers. | | **Switch** | Push Momentary Switch | Integrated "click" button when pressing the shaft. | | **Rotational Life** | Up to 1,000,000 cycles | Significantly higher than mechanical versions. | | **Terminal Style** | Ribbon Cable/Connector | "R" suffix often indicates specific lead/ribbon exit. | --- ### 2. Internal Electronic Components The device consists of three primary electronic sub-systems: 1. **Infrared (IR) LED:** Acts as the light source. It remains powered while the device is active. 2. **Photodetector Array:** Sensors that catch the light passing through a slotted internal disk. 3. **Signal Processing Circuitry:** Internal logic converts the raw analog light readings into "clean" square-wave digital signals (A and B channels). --- ### 3. Connection & Pinout Logic While you should always consult the specific datasheet for ribbon cable colors, the standard logic for the EM14 series follows this structure: * **VCC:** +5V Power Input. * **GND:** Circuit Ground. * **Channel A:** Digital output (pulses). * **Channel B:** Digital output (offset by 90° from Channel A to determine direction). * **Switch (2 pins):** Simple "Normally Open" contact that closes when the shaft is pressed. --- ### 4. Key Advantages for Designers * **Zero Contact Noise:** Because it is optical, there is no "wiper noise" or contact bounce found in carbon potentiometers. * **High Reliability:** Ideal for medical equipment, professional audio mixers, and industrial controls where failure is not an option. * **Detent Options:** The "R24" typically signifies the mechanical feel (detents/clicks) of the rotation, providing tactile feedback to the user.
    ✨ Follow-up Questions
    • ⤷ How do I interface the quadrature output of this encoder with an Arduino or ESP32?
    • ⤷ What is the difference between this optical encoder and a standard mechanical incremental encoder?
    • ⤷ Can this part be used in 3.3V logic systems without a level shifter?