Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EM14R1A-R28-R032S

  • AI
    The **EM14R1A-R28-R032S** is a specific part number for a rotary optical encoder manufactured by **Bourns**. It is part of the EM14 series, which is designed for applications requiring high reliability and a long cycle life compared to mechanical contact encoders. --- ### 1. Component Breakdown The part number can be decoded to understand its specific electronic and mechanical characteristics: | Code Segment | Description | Details | | :--- | :--- | :--- | | **EM14** | Series Name | 14 mm Rotary Optical Encoder | | **R** | Terminal Configuration | Ribbon Cable / Connector output | | **1** | Housing Style | Standard Bracket / Bushing mount | | **A** | Switching Configuration | Single channel (or standard quadrature) | | **R28** | Shaft / Bushing Style | 1/4" Diameter Shaft, 3/8" Bushing | | **R** | Resolution | 32 Pulses per Revolution (PPR) | | **032** | Pulse Count | 32 Pulses | | **S** | Special Feature | Includes a momentary push-switch | --- ### 2. Key Technical Specifications This component functions by using an internal LED and a photodetector array to sense rotation without physical contact. * **Operating Voltage:** Typically 5V DC. * **Supply Current:** ~26 mA (maximum). * **Output Type:** 2-bit Quadrature (Channel A and B). * **Rotational Life:** Up to 1,000,000 cycles (significantly higher than mechanical encoders). * **Resolution:** 32 PPR (Pulses Per Revolution). * **Switch Type:** Momentary Push Switch (integrated into the shaft). --- ### 3. Pinout and Connection Since this model features a ribbon cable/connector interface, the typical wiring for the EM14 series is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Ground** | Common return path | | 2 | **Switch** | Push-button switch terminal | | 3 | **Channel A** | Quadrature Output A | | 4 | **VCC** | +5V Power Supply | | 5 | **Channel B** | Quadrature Output B | | 6 | **Switch** | Push-button switch terminal | --- ### 4. Typical Application Circuit To interface this with a microcontroller (like an Arduino or STM32), you generally need pull-up resistors on the output lines. ```cpp // Example: Basic Arduino setup for reading EM14 Encoder const int pinA = 2; // Channel A const int pinB = 3; // Channel B void setup() { pinMode(pinA, INPUT_PULLUP); pinMode(pinB, INPUT_PULLUP); Serial.begin(9600); } void loop() { // Logic to detect transitions between Channel A and B } ``` --- ### 5. Advantages of the EM14 Series 1. **Optical Technology:** No "contact bounce" noise, leading to cleaner signals and no need for heavy hardware debouncing. 2. **Durability:** Ideal for equipment used frequently (e.g., medical devices, audio mixing consoles). 3. **Compact Size:** 14mm package fits into tight control panels.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an optical encoder and a mechanical encoder?
    • ⤷ How do I implement hardware debouncing for the integrated push-switch?
    • ⤷ What are the specific torque ratings for the EM14 series?