Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EM3592-RTR

  • AI
    ## Overview of the EM3592-RTR The **EM3592-RTR** is a high-performance, Zigbee-compliant System-on-Chip (SoC) designed by Silicon Labs. It is widely used in smart home automation, smart energy systems, and lighting control. The "RTR" suffix typically denotes the packaging format (Tape and Reel). --- ### Core Electronic Specifications | Feature | Specification | | :--- | :--- | | **Microcontroller** | 32-bit ARM® Cortex®-M3 | | **Clock Speed** | Up to 12MHz or 24MHz | | **Flash Memory** | 256 KB | | **RAM** | 32 KB | | **RF Protocol** | IEEE 802.15.4 (Zigbee / Thread / EmberZNet) | | **Frequency Band** | 2.4 GHz ISM Band | | **Sensitivity** | -100 dBm (standard mode) | | **Output Power** | Up to +3 dBm (boost up to +8 dBm) | --- ### Key Internal Components #### 1. Radio Transceiver The chip integrates a high-performance 2.4 GHz IEEE 802.15.4-compliant transceiver. It handles the physical layer (PHY) and Media Access Control (MAC) tasks, allowing for low-power wireless communication with high interference rejection. #### 2. Power Management Unit (PMU) The EM3592 includes an on-chip voltage regulator that supports a wide supply voltage range (2.1V to 3.6V). It features several deep-sleep modes to minimize power consumption in battery-operated devices: * **Deep Sleep Current:** ~0.8 µA (with sleep timer). * **Idle Current:** ~5.5 mA. #### 3. Peripheral Interfaces To interact with other electronic components, the EM3592-RTR provides a variety of I/O options: * **UART:** For serial communication with host processors or sensors. * **SPI (Master/Slave):** For high-speed data transfer to external memory or displays. * **I2C (TWI):** For connecting to digital sensors (temperature, humidity, etc.). * **ADC:** 12-bit Analog-to-Digital Converter for reading analog sensor values. * **GPIO:** Up to 24 General Purpose I/O pins. --- ### Application Circuit Example When designing a PCB for the EM3592-RTR, the following external parts are typically required: ```markdown 1. 24 MHz Crystal: Essential for the system clock and RF timing. 2. Balun / Matching Network: To convert the differential RF output to 50Ω single-ended for the antenna. 3. Decoupling Capacitors: 100nF and 1µF caps near power pins to filter noise. 4. Reset Circuit: An external pull-up resistor on the nRESET pin. ``` --- ### Comparison with Other EM35x Models | Model | Flash | RAM | Target Application | | :--- | :--- | :--- | :--- | | EM357 | 192 KB | 12 KB | Basic Zigbee End Devices | | **EM3592** | **256 KB** | **32 KB** | **Advanced Routers / Smart Gateways** | | EM3598 | 512 KB | 64 KB | Complex Multi-protocol Gateways |
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the EM3592 and the EM357?
    • ⤷ How do I implement the RF matching network for the EM3592-RTR?
    • ⤷ Does the EM3592-RTR support over-the-air (OTA) firmware updates?