Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EMMS-AS-100-M-HS-RMB

  • AI
    The **EMMS-AS-100-M-HS-RMB** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is designed for precise positioning and motion control applications, typically paired with the CMMP-AS or CMMT-AS series motor controllers. Below is a detailed breakdown of its electronic and electromechanical components. --- ## 1. Core Technical Specifications The electrical characteristics define how the motor interacts with the servo drive. | Parameter | Specification | | :--- | :--- | | **Motor Type** | AC Synchronous (Brushless) | | **Nominal Voltage** | 565 V DC | | **Nominal Current** | 3.4 A | | **Peak Current** | 15.0 A | | **Nominal Torque** | 5.69 Nm | | **Nominal Speed** | 3,000 RPM | | **Winding Insulation Class** | F (up to 155°C) | --- ## 2. Integrated Electronic Components The "intelligence" and protection of the motor are handled by several internal electronic modules: ### A. Feedback System (Encoder) The **"RM"** in the part number signifies the feedback type: * **Type:** Multi-turn Absolute Encoder. * **Technology:** Inductive or Optical (depending on the specific revision). * **Function:** It tracks the exact position of the rotor. Because it is "Multi-turn," it remembers the motor's position across multiple rotations even after a power cycle, eliminating the need for a homing run. * **Interface:** Typically uses the **Hiperface** protocol for high-speed digital communication with the controller. ### B. Temperature Sensing To prevent terminal failure due to overheating, the motor contains an internal sensor: * **Sensor Type:** PTC (Positive Temperature Coefficient) or NTC resistor. * **Function:** It monitors the winding temperature. If the motor exceeds its thermal limit, the sensor resistance changes, signaling the drive to trigger an "Over-temperature" fault and shut down current to the motor. ### C. Holding Brake (Optional/Model Specific) The **"B"** in the suffix indicates an integrated electromagnetic holding brake: * **Operation:** 24V DC. * **Logic:** It is a "fail-safe" brake. When power is applied (24V), the brake releases; when power is removed, the brake engages to hold the load in place. --- ## 3. Connection Interface The motor features two M23 circular connectors for electrical interfacing: 1. **Power Connector:** * **Pins U, V, W:** 3-phase AC power for the stator windings. * **PE Pin:** Protective Earth for grounding. * **Brake Pins (+/-):** 24V DC supply to control the internal brake. 2. **Encoder Connector:** * Provides power to the encoder (typically 7-12V). * Transmits differential signals (Sin/Cos) and digital data for position tracking and thermal monitoring. --- ## 4. Key Electronic Features * **Brushless Design:** Since there are no brushes to wear out, the motor has high reliability and produces minimal electrical noise (EMI). * **High Dynamics:** The "HS" (High Speed) designation implies low-inertia rotors, allowing for very rapid acceleration and deceleration cycles. * **Protection Class:** Rated at **IP65**, meaning the electronic internals are protected against dust and low-pressure water jets. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between the Power and Encoder cables for this motor?
    • ⤷ How does the Multi-turn Absolute Encoder eliminate the need for homing?
    • ⤷ Which Festo servo drives are most compatible with the EMMS-AS-100 series?