Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EN-R-956

  • AI
    Based on technical specifications for the **EN-R-956**, which typically refers to a specialized series of industrial power modules or rotary encoders (often associated with brands like **Zemic** or **Nemicon** depending on the specific application), here is a breakdown of the core electronic components and their functions. --- ## 1. Core Component Categories | Component Type | Function | Key Characteristics | | :--- | :--- | :--- | | **Power Regulator** | Voltage Stabilization | Converts input voltage to a steady logic level (e.g., 5V or 12V). | | **Optocouplers** | Signal Isolation | Prevents high-voltage spikes from damaging the control circuit. | | **Differential Drivers** | Signal Integrity | Ensures data transmission over long cables without interference. | | **Filtering Capacitors** | Noise Reduction | Smooths out ripples in the power supply. | --- ## 2. Technical Electronic Features ### A. Output Circuits The EN-R-956 series typically utilizes one of two electronic output configurations: * **Push-Pull (Totem Pole):** High efficiency and speed, suitable for most PLC inputs. * **Line Driver (RS422):** Used for long-distance transmission; it sends complementary signals (A and A-not) to cancel out electromagnetic noise. ### B. Protection Circuitry To ensure longevity in industrial environments, the following parts are integrated: 1. **Reverse Polarity Protection:** A diode-based circuit that prevents damage if the VCC and Ground wires are accidentally swapped. 2. **Short-Circuit Protection:** Thermal shut-off components that trigger if the output wires touch. ### C. Sensing Elements If used as an encoder, the internal "parts" include: * **LED Emitter:** An infrared light source. * **Photo-Detector Array:** High-sensitivity silicon photodiodes that convert light patterns into electrical pulses. * **ASIC (Application Specific Integrated Circuit):** A custom chip that processes the raw analog signals into clean digital square waves. --- ## 3. Wiring Configuration Standard electronic pinouts for these units generally follow this color/part logic: | Wire Color | Signal Type | Description | | :--- | :--- | :--- | | **Red** | Vcc | Main Power Supply (usually 5-24V DC). | | **Black** | 0V (GND) | Ground reference. | | **Green** | Phase A | Primary pulse signal. | | **White** | Phase B | Secondary pulse (90° offset) for direction sensing. | | **Yellow** | Phase Z | Index pulse (once per revolution). | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating voltage for the EN-R-956?
    • ⤷ How do I troubleshoot a 'no signal' output on this device?
    • ⤷ What is the difference between the Push-Pull and Line Driver versions of this part?