Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ENC1D-C16-R00050L

  • AI
    The **ENC1D-C16-R00050L** is a precision optical rotary encoder manufactured by **Bourns**. It is part of the EN series, designed for applications requiring high reliability and a long cycle life compared to mechanical contact encoders. --- ## 1. Technical Specifications The part number encodes specific characteristics of the device. Below is a breakdown of its technical profile: | Feature | Specification | | :--- | :--- | | **Encoder Type** | Optical (Non-contacting) | | **Output Type** | 2-bit Quadrature (Incremental) | | **Resolution** | 50 Pulses Per Revolution (PPR) | | **Terminal Configuration** | PC Pin (Rear Exit) | | **Shaft Style** | Round, 1/4" Diameter | | **Bushing** | 3/8" Threaded | | **Operating Voltage** | 5.0 VDC | | **Rotational Life** | Up to 10,000,000 cycles | --- ## 2. Key Internal Components The "Electronic Parts" within this assembly allow it to convert mechanical rotation into digital pulses: ### A. Infrared (IR) LED The light source inside the encoder. Because it uses light rather than physical metal wipers, there is no "contact bounce," and the component lasts significantly longer than a standard potentiometer or mechanical encoder. ### B. Photodetector Array A sensor that receives the light from the LED. As the internal disk spins, it interrupts the light beam, causing the photodetector to toggle between high and low states. ### C. Signal Processing Circuitry The internal board contains a Schmidt trigger or similar logic to square the waves, providing a clean **Quadrature Output** (Channel A and Channel B). By comparing the phase of A and B, a microcontroller can determine both the **speed** and **direction** of rotation. --- ## 3. Pinout Configuration The device typically features 4 to 5 pins. For the **ENC1D** series, the standard layout is: 1. **VCC:** Power Supply (typically 5V). 2. **GND:** Ground. 3. **Channel A:** Pulse output. 4. **Channel B:** Pulse output (90° out of phase with A). 5. **Index (Optional):** Some models include a "Z" channel for a zero-point reference. --- ## 4. Application Use Cases Due to its high durability and optical precision, it is commonly found in: * **Medical Equipment:** High-end diagnostic interfaces. * **Audio/Video:** Precision volume or scrub wheels for editing consoles. * **Industrial Controls:** Parameter adjustment for CNC or automated machinery. * **Test & Measurement:** Calibration dials for oscilloscopes and signal generators.
    ✨ Follow-up Questions
    • ⤷ How do I interface this encoder with an Arduino or microcontroller?
    • ⤷ What is the difference between this optical encoder and a mechanical one like the PEC11R?
    • ⤷ Does this model support a momentary push-switch function?