EPC-R3
AI

The **EPC-R3720** (often referred to as the EPC-R3 series) is an Industrial Edge AI Box Computer developed by Advantech. It is designed specifically for AIoT applications, leveraging the power of ARM-based processors and specialized NPU (Neural Processing Unit) hardware.
Below is a breakdown of the key electronic components and technical specifications of this series.
---
### 1. Core Processing Unit
The heart of the EPC-R3 series typically centers around the Rockchip RK3568 or similar high-efficiency ARM SoCs.
| Component | Description |
| :--- | :--- |
| **CPU** | Quad-core ARM Cortex-A55 (up to 2.0GHz). |
| **GPU** | ARM Mali-G52 2EE, supporting OpenGL ES 1.1/2.0/3.2. |
| **NPU** | 1.0 TOPS AI accelerator for deep learning inference. |
| **Memory** | Typically 2GB or 4GB LPDDR4/LPDDR4x (on-board). |
---
### 2. Connectivity and I/O Interface
The electronic design emphasizes industrial-grade connectivity to interface with sensors, cameras, and factory networks.
* **Networking:**
* Dual Gigabit Ethernet (GbE) ports (RJ45).
* M.2 sockets for Wi-Fi/Bluetooth modules.
* Mini-PCIe slots for 4G/LTE cellular expansion.
* **Serial Communication:**
* RS-232/422/485 ports for legacy industrial equipment.
* Isolated Digital I/O (DIO) for noise-resistant switching.
* **Display/Media:**
* HDMI 2.0 output (supports 4K resolution).
* Dual-channel LVDS or eDP (internal) for panel integration.
---
### 3. Storage and Expansion
The internal PCB architecture provides multiple layers of data storage to balance speed and reliability.
1. **eMMC:** On-board flash storage (typically 16GB or 32GB) for the OS (Linux/Android).
2. **MicroSD Slot:** External storage expansion for logging.
3. **M.2 M-Key:** Supports NVMe SSDs for high-speed AI data processing.
---
### 4. Power and Environmental Specs
Designed for harsh environments, the electronic components are selected for thermal resilience.
| Feature | Specification |
| :--- | :--- |
| **Power Input** | 12V ~ 24V DC wide-range input. |
| **Protection** | Over-voltage and over-current protection circuits. |
| **Temperature** | Operating range from -20°C to 60°C. |
| **Form Factor** | Compact metal chassis designed for heat dissipation without fans. |
---
### 5. Application Block Diagram (Logic)
The electronic flow generally follows this path:
`Sensors/Cameras` → `I/O Interfaces` → `RK3568 SoC (CPU/NPU)` → `Cloud/Local Storage`.
- ⤷
What are the differences between the RK3568 and RK3399 versions of the EPC-R series?
- ⤷ Can the EPC-R3 support PoE (Power over Ethernet)?
- ⤷ Which Linux distributions are officially supported on this hardware?