Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EPC-R4760

  • AI
    The **EPC-R4760** is an industrial-grade edge intelligence box PC developed by Advantech. It is designed specifically for AIoT (Artificial Intelligence of Things) applications, leveraging high-performance ARM architecture and integrated neural processing. --- ### Core Electronic Specifications The system is built around the **Qualcomm APQ8053** (Snapdragon 625) platform, optimized for power efficiency and continuous operation. | Component | Specification | | :--- | :--- | | **Processor** | Qualcomm APQ8053 Octa-Core ARM Cortex-A53 (up to 2.0 GHz) | | **Memory** | 2GB LPDDR3 933MHz (Onboard) | | **Storage** | 16GB eMMC 5.1 Flash (Expandable via MicroSD) | | **Graphics** | Adreno 506 GPU (OpenGL ES 3.1, OpenCL 2.0) | | **Power Input** | 12V DC Input (Lockable DC Jack) | | **Expansion** | 1 x M.2 2230 (E-Key), 1 x Mini-PCIe (Full size) | --- ### Key Connectivity & I/O Ports The electronic layout focuses on high-bandwidth data transfer and versatile peripheral support for industrial sensors. * **Networking:** * Dual Gigabit Ethernet (10/100/1000 Mbps) for redundant network paths. * Onboard Wi-Fi 802.11 a/b/g/n/ac and Bluetooth 4.1. * **Video Interface:** * 1 x HDMI (up to 4K @ 30fps). * **USB & Serial:** * 2 x USB 3.0 Type-A. * 1 x Micro USB (for debugging/OTG). * 2 x RS-232/422/485 serial ports for legacy hardware integration. --- ### Industrial & Environmental Design The electronic components are housed in a rugged chassis designed to withstand harsh environments. 1. **Passive Cooling:** The fanless design reduces mechanical failure points and prevents dust accumulation on internal circuits. 2. **Wide Temperature Support:** Rated for operating temperatures between **-20°C to 60°C**. 3. **Low Power Consumption:** The ARM-based architecture allows for a maximum power consumption of approximately **13W to 15W**, making it ideal for solar-powered or remote deployments. --- ### Software & AI Capabilities While the hardware is ARM-based, the electronic architecture is optimized for specific operating systems: * **OS Support:** Specifically optimized for **Debian 9** and **Android 6.0/10**. * **AI Acceleration:** The Adreno GPU and Hexagon DSP (Digital Signal Processor) allow for edge computing tasks like image recognition and data analytics without relying on cloud processing.
    ✨ Follow-up Questions
    • ⤷ What are the mounting options available for the EPC-R4760?
    • ⤷ Can the eMMC storage be upgraded manually on this board?
    • ⤷ Which cellular modules are compatible with the Mini-PCIe slot?