Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EPC-R7200

  • AI
    The **EPC-R7200** is an industrial-grade AI inference system developed by Advantech. It is specifically designed for "Edge AI" applications, leveraging the **NVIDIA Jetson AGX Orin** module. Below is a breakdown of its primary electronic components and technical specifications. --- ## 1. Core Processing Module The heart of the EPC-R7200 is the NVIDIA Jetson AGX Orin SOM (System on Module). This replaces traditional CPU/GPU combinations with a unified architecture optimized for AI. | Component | Specification | | :--- | :--- | | **AI Performance** | Up to 200 TOPS (INT8) | | **GPU** | NVIDIA Ampere architecture with 1792 or 2048 CUDA cores | | **CPU** | 8-core or 12-core Arm® Cortex®-A78AE v8.2 64-bit | | **Memory** | 32GB or 64GB 256-bit LPDDR5 | | **Storage** | 64GB eMMC 5.1 | --- ## 2. Key Internal Electronic Interfaces The carrier board provides the necessary electrical pathways to translate the SOM's signals into industry-standard physical ports. ### Storage & Expansion * **M.2 M-Key:** Supports NVMe SSDs (PCIe x4) for high-speed data logging. * **M.2 E-Key:** Typically used for Wi-Fi/Bluetooth wireless modules. * **M.2 B-Key:** Supports 4G/5G cellular modules for remote connectivity. ### Connectivity & I/O The system features a robust electronic I/O layout designed for industrial sensors: * **Dual GbE (Gigabit Ethernet):** Provides wired networking for IP cameras. * **USB 3.2 Gen 2:** High-speed data transfer for external peripherals. * **Serial Ports:** RS-232/422/485 for legacy industrial equipment communication. * **CANBus:** Essential for automotive or heavy-machinery integration. --- ## 3. Power and Thermal Design Industrial electronics require specific protection circuits and heat management. * **Wide Power Input:** Usually supports **9V to 36V DC** input, featuring internal voltage regulation to protect sensitive components from surges. * **Thermal Solution:** The EPC-R7200 uses a high-efficiency heatsink (fanless options are often available for lower wattage modes) to dissipate heat generated by the 2048 CUDA cores. * **Internal Protection:** Includes ESD (Electrostatic Discharge) protection for all I/O ports. --- ## 4. Software/Firmware Ecosystem The electronic hardware is tightly integrated with specific software stacks: 1. **NVIDIA JetPack SDK:** Includes TensorRT, CUDA, and cuDNN. 2. **Advantech WISE-DeviceOn:** A software layer for remote hardware monitoring (checking CPU temp, memory usage, and storage health). ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the 32GB and 64GB variants of the EPC-R7200?
    • ⤷ Does the EPC-R7200 support PoE (Power over Ethernet) for IP cameras?
    • ⤷ How does the thermal management system handle peak AI workloads?