Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EPI100552B50

  • AI
    The **EPI100552B50** is a specific electronic component, typically categorized as a **High-Current Power Inductor** (often surface-mount). These components are critical in power management circuits for energy storage and noise filtering. --- ### 1. Technical Specifications While specifications can vary slightly by manufacturer (such as PCA Electronics or similar magnetics specialists), the part number breakdown generally follows this logic: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Inductance** | 5.0 µH (Microhenries) | | **Current Rating** | High Current (Specific to 'B50' series) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Construction** | Shielded or Unshielded (depending on series) | ### 2. Key Electronic Functions The EPI100552B50 performs three primary roles within a circuit: 1. **Energy Storage:** In DC-DC converters (like Buck or Boost converters), the inductor stores energy in its magnetic field during the switching cycle and releases it to the load. 2. **Filtering (Smoothing):** It acts as a low-pass filter, smoothing out the ripple current from switching power supplies to provide a stable DC voltage. 3. **EMI Suppression:** It helps reduce Electromagnetic Interference (EMI) by blocking high-frequency noise from passing through the power rail. ### 3. Physical & Material Composition * **Core Material:** Usually made of **Ferrite** or **Powdered Iron**. Ferrite is preferred for high-frequency efficiency, while powdered iron handles higher saturation currents without "hard" dropping. * **Winding:** Copper wire wound around the core. The thickness of the wire determines the DC Resistance (DCR) and the maximum current capacity. * **Terminations:** Solder-plated pads designed for reflow soldering on a Printed Circuit Board (PCB). ### 4. Common Applications * **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU power phases. * **Server Power Supplies:** High-efficiency power conversion. * **Industrial Automation:** Used in PLC power stages. * **Telecommunications:** DC-DC line cards and base station power units. --- ### Summary Table: Pros and Cons | Pros | Cons | | :--- | :--- | | High energy density in a small footprint. | Susceptible to core saturation if current limits are exceeded. | | Low DCR (Direct Current Resistance) reduces heat. | Magnetic fields can interfere with nearby sensitive traces if not shielded. |
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the EPI100552B50?
    • ⤷ How does DCR affect the efficiency of this inductor?
    • ⤷ Are there shielded versions of this component available?