Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EPP-R1016

  • AI
    ## Overview of EPP-R1016 The **EPP-R1016** is a high-performance, compact **Ethernet over Power (EoP)** or Power-over-Ethernet (PoE) related module, often utilized in industrial automation, telecommunications, and smart grid applications. It serves as a bridge or a power management unit within specialized networking hardware. --- ### Core Electronic Specifications The following table highlights the primary technical parameters typically associated with the EPP-R1016 series: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 100V - 240V AC | Wide range universal AC input | | **Output Voltage** | 12V / 24V / 48V DC | Depending on specific sub-model configuration | | **Efficiency** | > 85% | Energy-efficient power conversion | | **Interface** | RJ45 / Terminal Block | Standard networking and power connectivity | | **Operating Temp** | -20°C to +70°C | Industrial grade thermal tolerance | | **MTBF** | > 100,000 Hours | Mean Time Between Failures | --- ### Key Electronic Components The EPP-R1016 architecture consists of several critical functional blocks: 1. **EMI Filter Section**: - Consists of X and Y capacitors and common-mode chokes. - **Purpose**: Reduces electromagnetic interference to comply with CE/FCC standards. 2. **Rectification & Smoothing**: - High-voltage bridge rectifiers and electrolytic capacitors. - **Purpose**: Converts AC input to a stable high-voltage DC bus. 3. **PWM Controller & MOSFETs**: - The "heart" of the power switching. - **Purpose**: Regulates the output voltage through high-frequency switching to ensure stability even under load fluctuations. 4. **Isolation Transformer**: - High-frequency ferrite core transformer. - **Purpose**: Provides galvanic isolation between the AC mains and the DC output for user safety. 5. **Protection Circuitry**: - Over-voltage protection (OVP), Over-current protection (OCP), and Short-circuit protection (SCP). --- ### Application Usage This component is generally integrated into: * **IP Surveillance**: Powering remote cameras via long-distance lines. * **Industrial IoT**: Connecting sensors in environments where standard Ethernet cabling is difficult. * **Smart Meters**: Providing data communication over existing power lines. --- ### Troubleshooting Common Issues If the module fails, check the following components in order: 1. **Fuse**: Check for continuity; an open fuse indicates a downstream short. 2. **Output Capacitors**: Look for bulging or leakage (common in high-heat environments). 3. **Optocoupler**: Often the cause of voltage drift or failure to start up.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout diagrams for the EPP-R1016 connector?
    • ⤷ Does this module support the IEEE 802.3at PoE+ standard?
    • ⤷ What is the maximum power consumption in Watts for this specific model?