Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EPP-R2032

  • AI
    The **EPP-R2032** is an industrial-grade thermal printer mechanism developed by **EastCompuh**. It is widely integrated into kiosks, ATMs, and ticketing systems due to its compact design and high reliability. --- ## 1. Core Technical Specifications The following table outlines the fundamental electronic and physical characteristics of the EPP-R2032: | Feature | Specification | | :--- | :--- | | **Printing Method** | Direct Thermal Line Printing | | **Resolution** | 203 DPI (8 dots/mm) | | **Paper Width** | 58mm / 80mm (Adjustable) | | **Printing Speed** | Up to 150 mm/s | | **Interface Options** | RS232 (Serial), USB, or TTL | | **Input Voltage** | DC 24V ± 10% | | **Current Consumption** | 2A (Standby), 5A (Peak during printing) | --- ## 2. Key Electronic Components The EPP-R2032 consists of several critical electronic modules that manage the data processing and mechanical movement: ### A. The Thermal Print Head (TPH) * **Function:** The heart of the printer. It contains a linear array of resistors that heat up to activate the thermal paper. * **Protection:** Includes a built-in **Thermistor** to monitor temperature and prevent overheating, which could damage the head or the control board. ### B. Control Logic Board * **Microcontroller (MCU):** Processes incoming print commands (typically ESC/POS) and converts them into pixel data for the TPH. * **Buffer Memory:** Stores incoming data to ensure smooth printing even if the data transmission speed fluctuates. ### C. Motor Driver System * **Stepper Motor:** Drives the platen roller to advance the paper with high precision (measured in steps per mm). * **Auto-Cutter Motor:** A dedicated motor and driver circuit manage the partial or full cut of the receipt once the print job is finished. ### D. Sensors The unit relies on several electronic sensors to communicate its status to the host system: 1. **Paper End Sensor:** A photo-interrupter that detects when the paper roll is empty. 2. **Platen Position Sensor:** Detects if the printer head is open or closed. 3. **Black Mark Sensor (Optional):** Used for aligning pre-printed forms or tickets. --- ## 3. Connectivity and Integration The EPP-R2032 is designed for modular integration. Its electronic interface usually follows these standards: * **Power Supply Connector:** Requires a stable 24V source. Using a lower voltage will result in faint printing, while spikes can damage the TPH. * **Data Ports:** * **USB:** Plug-and-play for Windows/Linux environments. * **Serial (RS232):** Preferred for long-distance cable runs in industrial cabinets. * **Command Set:** Fully compatible with **ESC/POS** commands, allowing it to print text, barcodes (QR codes, PDF417), and monochrome bitmaps. --- ## 4. Maintenance and Reliability * **MCBF (Mean Cycles Between Failure):** 1,000,000 cuts for the auto-cutter. * **TPH Life:** 100km of printed paper. * **Electronic Protection:** The board usually features over-voltage and over-current protection to survive harsh industrial power environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout definitions for the EPP-R2032 RS232 interface?
    • ⤷ How do I calibrate the Black Mark sensor for ticket printing?
    • ⤷ Is there a specific driver required for Linux-based integration?