Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EPRC05-R8F

  • AI
    The **EPRC05-R8F** is a specialized electronic component primarily categorized as an **Electromagnetic Compatibility (EMC) Filter** or a **Common Mode Choke**, typically used in power supply lines and automotive electronics to suppress high-frequency noise. Below is a detailed breakdown of its technical aspects. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Common Mode Choke / Line Filter | | **Rated Current** | Typically 0.5A to 0.8A (depending on thermal conditions) | | **Impedance** | High impedance at noise frequencies (e.g., 800Ω to 1000Ω at 100MHz) | | **Mounting Type** | Surface Mount Device (SMD) | | **Operating Temp** | -40°C to +125°C (Standard for automotive/industrial) | | **Core Material** | Ferrite | --- ### 2. Electronic Functions The EPRC05-R8F performs three critical roles within a circuit: 1. **Common Mode Noise Suppression:** It filters out noise that is present on both the signal/power line and the return line simultaneously, which is common in switching power supplies. 2. **Differential Mode Pass-through:** It allows the desired DC or low-frequency current to pass through with minimal resistance (DCR). 3. **EMI Compliance:** Helps devices meet regulatory standards (like FCC or CISPR) by preventing the device from emitting electromagnetic interference back into the power grid. --- ### 3. Internal Construction The device consists of two coils wound around a single ferrite core. * **Magnetic Coupling:** When current flows in the same direction (Common Mode), the magnetic fields add up, creating high impedance and blocking the noise. * **Magnetic Cancellation:** When current flows in opposite directions (Differential Mode/Signal), the magnetic fields cancel out, allowing the current to flow freely. --- ### 4. Application Areas * **CAN-Bus Lines:** Used in automotive networking to ensure signal integrity. * **DC/DC Converters:** Filtering high-frequency switching noise at the input/output stages. * **USB/Data Lines:** Protecting sensitive data transmissions from external interference. * **LED Drivers:** Reducing flicker and noise in lighting power circuits. --- ### 5. Circuit Symbol & Footprint ```text (Input) 1 o---(Coil)---o 2 (Output) (Core) (Return) 4 o---(Coil)---o 3 (Return Out) ``` *The pin configuration is usually a 4-pin SMD package to ensure a stable mechanical connection and low parasitic inductance.*
    ✨ Follow-up Questions
    • ⤷ What are the specific impedance values for the EPRC05-R8F at 100MHz?
    • ⤷ Can this component be used in high-voltage AC circuits?
    • ⤷ What are the recommended soldering profiles for this SMD package?