Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ER03-R3F

  • AI
    ## Detailed Overview of the ER03-R3F Diode The **ER03-R3F** is an electronic component categorized as a **Super Fast Recovery Rectifier Diode**. These diodes are specifically designed to switch states extremely quickly, making them essential for high-frequency power conversion applications. ### 1. Key Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Component Type** | Super Fast Recovery Diode | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 300V | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 0.3A (300mA) | | **Maximum Reverse Recovery Time ($t_{rr}$)** | ~35ns to 50ns (Ultra-fast) | | **Forward Voltage Drop ($V_F$)** | Approx. 1.25V @ 0.3A | | **Package Type** | Often found in DO-35 or similar axial lead glass packages | --- ### 2. Functional Characteristics * **Fast Switching:** The "R3F" designation typically indicates a specific recovery speed class. Because it can transition from a conducting to a non-conducting state in nanoseconds, it minimizes power loss during high-frequency switching. * **Low Capacitance:** These diodes are engineered to have low junction capacitance, which prevents signal distortion in high-speed circuits. * **Thermal Stability:** Designed to operate reliably under high-temperature conditions often found in compact power supplies. --- ### 3. Common Applications The ER03-R3F is utilized in circuits where standard diodes (like the 1N400x series) would be too slow and overheat. 1. **Switching Power Supplies (SMPS):** Used in the output stage to rectify high-frequency AC into DC. 2. **DC-DC Converters:** Acts as a freewheeling diode to provide a path for inductor current. 3. **Inverters:** High-speed rectification for converting DC to AC at high frequencies. 4. **Signal Clamping:** Protecting sensitive components from voltage spikes in high-speed data lines. --- ### 4. Circuit Symbol and Polarity In a schematic, the ER03-R3F follows the standard diode symbol. Physically, the **cathode** (negative side) is marked with a color band (usually white or silver) on the body of the diode. ```text Anode (+) --------|>|-------- Cathode (-) (Band Side) ```
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the ER03-R3F?
    • ⤷ How does reverse recovery time affect the efficiency of a power supply?
    • ⤷ Can the ER03-R3F be used in a standard 50/60Hz bridge rectifier?