Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ER03-R8F

  • AI
    ## Understanding the ER03-R8F Electronic Component The **ER03-R8F** is a specific part number typically associated with a **Precision Thin Film Chip Resistor**. These components are widely used in electronic circuits where high stability, low noise, and tight tolerances are required. ### 1. Technical Specifications Below is a breakdown of the typical characteristics for this type of resistor: | Parameter | Specification (Typical) | |:---|:---| | **Component Type** | Thin Film Chip Resistor | | **Resistance Value** | 0.8 Ohms (denoted by R8) | | **Tolerance** | ±1% (denoted by F) | | **Power Rating** | Usually 1/10W or 1/16W (depends on case size) | | **Temperature Coefficient** | ±25ppm/°C to ±100ppm/°C | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Part Number Breakdown The alphanumeric code follows a standard naming convention used by manufacturers like **Panasonic** or **ROHM**: 1. **ER (Series Prefix):** Generally indicates a Fixed Chip Resistor. 2. **03 (Size/Package):** Often refers to the **0603** (Imperial) or **1608** (Metric) surface mount package size. 3. **R8 (Resistance):** The "R" acts as a decimal point. Therefore, R8 indicates **0.8 Ohms**. 4. **F (Tolerance):** Indicates a precision tolerance of **±1%**. --- ### 3. Key Features and Applications #### Features * **High Precision:** Thin film technology allows for much tighter tolerances and better stability compared to thick film resistors. * **Low Noise:** Excellent for signal processing as they produce very little thermal noise. * **Surface Mount (SMD):** Designed for automated PCB assembly. #### Applications * **Current Sensing:** Low resistance values (like 0.8Ω) are frequently used to monitor current flow in power management circuits. * **Telecommunications:** Used in high-frequency circuits where signal integrity is vital. * **Medical Electronics:** Applied in diagnostic equipment requiring high reliability. * **Automotive:** Control units and sensor interfaces. --- ### 4. Schematic Representation In a circuit diagram, the ER03-R8F is represented as a standard resistor symbol with its specific value: ```text 0.8 Ω (1%) ----[ ER03-R8F ]---- ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between thin film and thick film resistors?
    • ⤷ How do I calculate the power dissipation for a 0.8 ohm resistor in a circuit?
    • ⤷ What are the common alternatives to the ER03-R8F if it is out of stock?