Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ER03-R8M

  • AI
    The **ER03-R8M** is an electronic component commonly categorized as a **Fixed Inductor** (specifically a power inductor). It is typically designed for high-frequency circuits, power management, and noise filtering. --- ### 1. General Specifications The part number follows a standard industry naming convention where "ER" refers to the series/shape, "03" refers to the physical size, and "R8M" denotes the inductance value and tolerance. | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor | | **Inductance Value** | 0.82 µH (Microhenries) | | **Tolerance** | ±20% (indicated by the 'M' suffix) | | **Case Code/Size** | 03 Series (Dimensions vary by manufacturer) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Breakdown of the Part Number * **ER:** Series designation (often indicates a specific core material or shielded construction). * **03:** Physical dimensions (Example: approx. 3.0mm x 3.0mm). * **R8:** Represents the inductance. The "R" acts as a decimal point. Therefore, **0.82 µH**. * **M:** Tolerance code. **M = ±20%**. --- ### 3. Key Characteristics * **Shielding:** Most ER-series inductors are **magnetically shielded**. This reduces electromagnetic interference (EMI) with surrounding components on the PCB. * **Low DCR:** Designed with low Direct Current Resistance to minimize power loss and heat generation. * **High Saturation Current:** Capable of handling significant current spikes without the core losing its inductive properties (saturating). --- ### 4. Common Applications Due to its low inductance and small footprint, the ER03-R8M is frequently used in: 1. **DC-DC Converters:** Step-down (buck) or step-up (boost) converters in mobile devices. 2. **Voltage Regulator Modules (VRM):** Providing stable power to CPUs or GPUs. 3. **Signal Filtering:** Removing high-frequency noise from power supply lines. 4. **Consumer Electronics:** Used in tablets, smartphones, and portable gaming consoles where space is limited. --- ### 5. Technical Precautions When using this part in a circuit design, engineers must consider: * **Isat (Saturation Current):** The current at which the inductance drops by a specified percentage (usually 30%). * **Irms (Temperature Rise Current):** The current that causes the component temperature to rise by a specific amount (usually 40°C). * **Operating Temperature:** Ensure the environment does not exceed the component's rated thermal range (typically -40°C to +125°C).
    ✨ Follow-up Questions
    • ⤷What is the typical saturation current for an ER03 series inductor?
    • ⤷ How does the 'R8M' code change for a 1.0 µH value?
    • ⤷ Can this inductor be used in high-frequency RF applications?