Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ER05-R12M

  • AI
    ## Overview of ER05-R12M The **ER05-R12M** is a high-performance **Reed Relay** manufactured by **Standex Electronics** (formerly MEDER electronic). It is designed to provide high galvanic isolation and high switching speeds in a compact, dual-in-line (DIL) package. ### Technical Specifications The following table highlights the primary electronic characteristics of the ER05-R12M: | Parameter | Specification | | :--- | :--- | | **Coil Voltage** | 5 VDC | | **Contact Form** | 1 Form A (SPST-NO - Normally Open) | | **Contact Rating** | 10 W (Maximum) | | **Switching Voltage** | 200 VDC / 140 VAC (Maximum) | | **Switching Current** | 0.5 A (Maximum) | | **Carry Current** | 1.0 A (Maximum) | | **Coil Resistance** | 500 $\Omega$ (Typical) | | **Isolation Voltage** | 1.5 kVDC (Minimum) | | **Operating Temperature** | -20°C to +70°C | --- ### Core Electronic Components & Operation #### 1. The Reed Switch The heart of the device is a hermetically sealed glass tube containing two ferromagnetic blades (reeds). These blades are coated with a precious metal (often Rhodium or Ruthenium) to ensure low contact resistance and long life cycle. #### 2. The Electromagnetic Coil A copper wire coil is wrapped around the reed switch. When a **5V DC** signal is applied to the coil: * An electromagnetic field is generated. * The field magnetizes the reeds, causing them to attract each other and close the circuit. * When power is removed, the mechanical tension in the reeds causes them to spring back to the open position. #### 3. Protection Diode (Internal) The "R" in the part number often signifies the inclusion of an **Internal Diode**. * **Purpose:** This suppresses the "back EMF" (voltage spike) generated when the coil is de-energized. * **Benefit:** Protects sensitive driving electronics (like microcontrollers or transistors) from damage. --- ### Key Applications * **Test and Measurement:** Used in ATE (Automatic Test Equipment) due to its high speed and low capacitance. * **Telecommunications:** Signal switching with minimal distortion. * **Security Systems:** Isolating control logic from external sensors. * **Medical Equipment:** High isolation properties ensure patient safety. ### Pinout Configuration (DIL Package) Typically, the device follows a standard 14-pin DIL footprint, though only a few pins are active: * **Pins 2 & 6:** Coil inputs (observe polarity if a diode is present). * **Pins 8 & 14:** Switch contacts. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R12M' suffix in this part number?
    • ⤷How does the switching speed of a reed relay compare to a standard electromechanical relay?
    • ⤷Can this relay be driven directly by an Arduino or ESP32 GPIO pin?