Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ER05-R5M

  • AI
    The **ER05-R5M** is a high-voltage, fast-recovery rectifier diode commonly used in power conversion circuits, CRT displays, and industrial equipment. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications The ER05-R5M belongs to a series of silicon diffused diodes designed for high-voltage applications requiring fast switching speeds. | Parameter | Specification | | :--- | :--- | | **Component Type** | High Voltage Rectifier Diode | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 5,000V (5kV) | | **Average Forward Current ($I_{F(AV)}$)** | 500mA (0.5A) | | **Reverse Recovery Time ($t_{rr}$)** | ~100ns to 150ns | | **Package Type** | Axial Lead (typically cylindrical) | --- ### 2. Key Electrical Characteristics Understanding these parameters is crucial for circuit design and replacement: * **High Voltage Handling:** With a $V_{RRM}$ of 5kV, it is specifically designed to handle the high potential differences found in flyback transformers and voltage multipliers. * **Fast Recovery Speed:** The "Fast Recovery" designation means the diode can switch from a conducting state to a blocking state very quickly. This minimizes power loss during high-frequency operation. * **Low Forward Voltage Drop ($V_F$):** While specific to the load, it typically maintains a low voltage drop relative to its high voltage rating, improving efficiency. * **Forward Surge Current ($I_{FSM}$):** Designed to handle brief spikes in current without catastrophic failure, typically rated around 20A–30A for a single half-sine wave. --- ### 3. Common Applications The ER05-R5M is typically found in environments where standard 1N400x series diodes would fail due to voltage limitations: 1. **Switching Power Supplies (SMPS):** Used in the secondary rectification stage of high-frequency transformers. 2. **CRT Monitors/TVs:** Part of the high-voltage section providing power to the tube. 3. **Electrostatic Air Cleaners:** Used in the voltage multiplier ladders to generate ionising charges. 4. **X-Ray Power Supplies:** Small-scale medical or industrial imaging equipment. --- ### 4. Identification and Alternatives When identifying or replacing this part, note the following: * **Marking:** Usually marked as "ER05" followed by the voltage code "R5M". * **Polarity:** The cathode is marked with a color band (usually white or silver). * **Potential Substitutes:** Depending on the circuit requirements, parts like the **R5000**, **HVM5**, or **BY459** (depending on recovery speed) might be considered, provided their $V_{RRM}$ and $I_{F(AV)}$ meet or exceed the original specs. ---
    ✨ Follow-up Questions
    • ⤷ What are the typical thermal considerations when mounting an ER05-R5M in a closed chassis?
    • ⤷ How does the reverse recovery time (trr) affect the efficiency of a high-frequency power supply?
    • ⤷ Can the ER05-R5M be used in series to achieve a 10kV voltage rating?