Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ER3JB-TP

  • AI
    The **ER3JB-TP** is a high-efficiency, surface-mount super fast recovery rectifier diode manufactured by **Micro Commercial Co (MCC)**. It is commonly used in power management circuits where high-speed switching and low power loss are critical. --- ## 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the ER3JB-TP: | Parameter | Value | | :--- | :--- | | **Package** | SMB (DO-214AA) | | **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 600 V | | **Max Average Forward Rectified Current ($I_{F(AV)}$)** | 3.0 A | | **Max Reverse Recovery Time ($t_{rr}$)** | 35 ns | | **Forward Voltage Drop ($V_F$) @ 3.0A** | 1.7 V | | **Operating Temperature Range** | -55°C to +150°C | --- ## 2. Component Functions & Features ### A. Super Fast Recovery Time With a recovery time ($t_{rr}$) of only **35 nanoseconds**, this diode can switch from a conducting state to a blocking state extremely quickly. This minimizes switching losses, making it ideal for high-frequency applications. ### B. Glass Passivated Junction The internal silicon chip is protected by a glass layer (passivation). This enhances the reliability of the component against moisture and high temperatures, ensuring stable leakage current over time. ### C. Surface Mount Technology (SMT) The **SMB package** (also known as DO-214AA) is designed for automated pick-and-place assembly. It offers a compact footprint while maintaining good thermal dissipation for a 3A current rating. --- ## 3. Typical Applications The ER3JB-TP is widely utilized in the following electronic circuits: * **Switching Mode Power Supplies (SMPS):** Used in the output rectification stage. * **Inverters:** For DC-to-AC conversion processes. * **Freewheeling Diode:** Protects circuits from inductive voltage spikes in motor control and relay drivers. * **DC-DC Converters:** High-speed rectification to maintain efficiency. --- ## 4. Marking and Polarization * **Polarity:** A color band (cathode band) denotes the cathode end. * **Marking Code:** The device is typically marked with "ER3J" on the body for easy identification during PCB inspection.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ER3JB and the standard ER3J diode?
    • ⤷ Can the ER3JB-TP be used in automotive applications requiring AEC-Q101 certification?
    • ⤷ How does the forward voltage drop impact the thermal management of the circuit?