Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ES1BL-SMA-R

  • AI
    The **ES1BL** is a high-efficiency, surface-mount **Super Fast Recovery Rectifier** diode. It is commonly used in power management circuits where high speed and low power loss are critical. --- ### 1. Key Technical Specifications The part number follows industry standards for performance characteristics. Below are the primary technical parameters for the **ES1BL-SMA-R**: | Feature | Specification | | :--- | :--- | | **Diode Type** | Super Fast Recovery Rectifier | | **Continuous Forward Current ($I_{F}$)** | 1.0 Ampere | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 100 Volts | | **Forward Voltage Drop ($V_{F}$)** | ~0.95V @ 1.0A | | **Reverse Recovery Time ($t_{rr}$)** | < 35 Nanoseconds | | **Operating Temperature Range** | -55°C to +150°C | | **Package Type** | SMA (DO-214AC) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the component's capabilities: * **ES**: Super Fast Recovery Series. * **1**: Rated for 1.0 Ampere. * **B**: Voltage code (B usually represents 100V in this series). * **L**: Low profile or specific manufacturer variation (often indicating high efficiency). * **SMA**: The physical package style (Surface Mount). * **R**: Tape and Reel packaging for automated assembly. --- ### 3. Core Features and Benefits 1. **Ultra-Fast Switching**: With a recovery time ($t_{rr}$) of 35ns or less, it minimizes switching losses, making it ideal for high-frequency applications. 2. **Low Forward Voltage**: Reduces heat dissipation during conduction, improving overall system efficiency. 3. **Glass Passivated Junction**: Provides high reliability and stability over varying temperature ranges. 4. **Compact Footprint**: The SMA package is small, saving valuable PCB real estate. --- ### 4. Common Applications Due to its high speed and 100V rating, the ES1BL is frequently found in: * **SMPS (Switched Mode Power Supplies)**: Used as an output rectifier. * **DC-DC Converters**: For polarity protection and freewheeling. * **Inverters**: High-speed switching stages. * **Automotive Electronics**: Reverse battery protection and signal clamping. --- ### 5. Symbol and Footprint In a schematic, the ES1BL is represented by a standard diode symbol with a bar indicating the **Cathode**. ```text Anode Cathode (Pin 1) (Pin 2) | | +----|>|------+ | (Band marks Cathode) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a Fast Recovery and a Super Fast Recovery diode?
    • ⤷ Can I use an ES1BL as a replacement for a standard 1N4001 diode?
    • ⤷ What are the thermal considerations when mounting an SMA package on a PCB?