Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ES1DG-SMA-R

  • AI
    The **ES1DG-SMA-R** is a high-efficiency, surface-mount **Super Fast Recovery Rectifier** diode. It is commonly used in power management circuits where high-speed switching and low power loss are critical. --- ### ## 1. Technical Specifications Below are the primary electrical and physical characteristics of the ES1DG-SMA-R: | Parameter | Specification | | :--- | :--- | | **Diode Type** | Super Fast Recovery Rectifier | | **Continuous Forward Current ($I_{F}$)** | 1.0 Ampere | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 200 Volts | | **Reverse Recovery Time ($t_{rr}$)** | < 35 Nanoseconds (ns) | | **Forward Voltage Drop ($V_{F}$)** | ~0.95V @ 1.0A | | **Operating Temperature Range** | -55°C to +150°C | | **Package Type** | SMA (DO-214AC) | --- ### ## 2. Key Features and Benefits * **Ultrafast Switching:** The recovery time ($t_{rr}$) of 35ns minimizes switching losses, making it ideal for high-frequency applications. * **Low Forward Voltage:** Reduces power dissipation during the conduction phase, improving overall system efficiency. * **SMA Package:** The "SMA" designation indicates a low-profile, surface-mount package that saves PCB space and is compatible with automated assembly. * **Glass Passivated Junction:** Enhances reliability and stability over time and temperature fluctuations. --- ### ## 3. Typical Applications The ES1DG-SMA-R is designed for rectification and freewheeling in various electronic environments: 1. **SMPS (Switched-Mode Power Supplies):** Used in the output rectification stage. 2. **DC-DC Converters:** Acts as a catch diode or polarity protection. 3. **Inverters:** Used in high-frequency conversion circuits. 4. **Freewheeling Diode:** Protects circuits from inductive voltage spikes in motors or relay drivers. --- ### ## 4. Part Number Breakdown While naming conventions vary slightly by manufacturer (e.g., ON Semi, Taiwan Semi, Diodes Inc.), the code usually follows this logic: * **ES1**: Series designation (Super Fast Rectifier, 1 Amp). * **D**: Voltage rating code (D typically signifies 200V). * **G**: Glass Passivated version. * **SMA**: Package type (DO-214AC). * **R**: Generally indicates "Tape and Reel" packaging for manufacturing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Standard Recovery and a Super Fast Recovery diode like the ES1D?
    • ⤷ How does temperature affect the forward voltage drop of the ES1DG-SMA-R?
    • ⤷ Can this diode be used in AC to DC bridge rectifier circuits?