Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESD-R-10S

  • AI
    ## Understanding the ESD-R-10S EMI Core The **ESD-R-10S** is a specialized electronic component categorized as a **Toroidal EMI Core** (Ferrite Core). It is primarily manufactured by **KEMET** and is designed to suppress high-frequency noise in electronic circuits. --- ### 1. Technical Specifications The ESD-R series features a round, solid ferrite shape designed for cable shielding and interference reduction. | Feature | Specification | | :--- | :--- | | **Material** | Manganese Zinc (MnZn) | | **Shape** | Toroidal (Round / Donut) | | **Outer Diameter (OD)** | 10.0 mm | | **Inner Diameter (ID)** | 5.0 mm | | **Height (H)** | 5.0 mm | | **Operating Temperature** | -25°C to +85°C | | **Frequency Range** | High frequency (FM band range) | --- ### 2. How it Functions The ESD-R-10S acts as a **passive low-pass filter**. When a wire is looped through the center of the core: * **Inductance:** It increases the impedance of the wire at high frequencies. * **Noise Absorption:** It converts high-frequency electromagnetic interference (EMI) into a small amount of heat, effectively "cleaning" the signal. * **Non-Destructive:** Unlike a fuse, it does not break the circuit; it simply resists the flow of unwanted noise. --- ### 3. Key Applications This specific part size is commonly found in compact electronic assemblies where space is limited. 1. **Consumer Electronics:** Used in power cables for laptops, printers, and gaming consoles to prevent radio frequency interference (RFI). 2. **Industrial Equipment:** Protecting sensitive sensor data lines from motor noise. 3. **Medical Devices:** Ensuring that communication lines are not disrupted by surrounding imaging equipment. 4. **Automotive:** Suppressing noise in infotainment and ECU communication systems. --- ### 4. Implementation Example To use the ESD-R-10S, a designer typically threads a signal or power wire through the hole. For increased effectiveness, the wire can be looped multiple times. ```text Effectiveness vs. Turns: - 1 Turn: Standard noise suppression. - 2 Turns: Impedance increases by approximately 4x (Square of the turns). - 3 Turns: Maximum suppression for low-frequency noise components. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between MnZn and NiZn ferrite materials in the ESD-R series?
    • ⤷ How do I calculate the required impedance for an EMI core in my circuit?
    • ⤷ Can the ESD-R-10S be used for ESD protection as its name suggests?