Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESD-R-12C

  • AI
    ## Overview of the ESD-R-12C The **ESD-R-12C** is a specialized electronic component categorized as an **EMI Core** or **Ferrite Core**. Manufactured by **KEMET**, it belongs to the ESD-R series, which is specifically designed for use on round cables to suppress electromagnetic interference (EMI). --- ### 1. Key Technical Specifications The table below summarizes the physical and electrical characteristics of the ESD-R-12C: | Property | Description / Value | | :--- | :--- | | **Component Type** | EMI Core (Toroidal) | | **Material** | Manganese-Zinc (Mn-Zn) | | **Outer Diameter (OD)** | 12.0 mm | | **Inner Diameter (ID)** | 7.0 mm | | **Height (H)** | 15.0 mm | | **Impedance (at 100 MHz)** | ~55 $\Omega$ (Typical) | | **Operating Temperature** | -25°C to +85°C | | **Coating** | Bare (Uncoated) | --- ### 2. Primary Functions and Applications The ESD-R-12C acts as a low-pass filter for high-frequency noise while allowing low-frequency signals to pass through the conductor. #### Common Uses: * **Noise Suppression:** Used to reduce high-frequency noise in signal and power lines. * **Consumer Electronics:** Found in computers, peripherals, and audio/video equipment. * **Industrial Equipment:** Utilized in control panels and sensor wiring to prevent data corruption. * **Power Supplies:** Often placed on output cables to meet EMC (Electromagnetic Compatibility) standards. --- ### 3. Core Material Characteristics The **Mn-Zn (Manganese-Zinc)** material used in the ESD-R-12C is distinct from Ni-Zn (Nickel-Zinc) cores. * **Frequency Range:** Mn-Zn cores are highly effective in the **lower frequency ranges** (typically up to 10-20 MHz) for high permeability applications, but the ESD-R series is engineered to provide specific impedance curves up into the 100 MHz range. * **Conductivity:** Mn-Zn material has lower resistivity than Ni-Zn, meaning it is more conductive. Care should be taken if the bare core is in direct contact with uninsulated wires. --- ### 4. Implementation Example To use this component, the cable is typically threaded through the center of the ring. To increase the impedance, the cable can be looped through the core multiple times. ```text Impedance Calculation (Simplified): Z = 2 * π * f * L Where: Z = Impedance f = Frequency L = Inductance (determined by the core material and number of turns) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Mn-Zn and Ni-Zn ferrite cores in EMI suppression?
    • ⤷ How does increasing the number of cable turns through the ESD-R-12C affect noise reduction?
    • ⤷ Are there versions of the ESD-R series that include a plastic snap-on case?