Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESD-R-12D

  • AI
    The **ESD-R-12D** is a specific type of **EMI (Electromagnetic Interference) Core** or **Toroidal Ferrite Core** designed by KEMET. It is part of the ESD-R series, primarily used to suppress high-frequency noise in electronic circuits. --- ### 1. Key Technical Specifications The "12D" designation typically refers to the physical dimensions and material composition. | Feature | Specification (Typical) | | :--- | :--- | | **Material** | Manganese-Zinc (Mn-Zn) or Nickel-Zinc (Ni-Zn) | | **Outer Diameter (A)** | 14.3 mm - 15.0 mm | | **Inner Diameter (B)** | 7.5 mm - 8.2 mm | | **Thickness (C)** | 7.5 mm - 8.5 mm | | **Operating Temperature** | -25°C to +85°C | | **Shape** | Round (Toroidal) | ### 2. Primary Functions The ESD-R-12D serves three main purposes in an electronic assembly: * **EMI Suppression:** It absorbs high-frequency noise (electromagnetic interference) and converts it into a tiny amount of heat, preventing the noise from affecting other components. * **Common Mode Choke:** When a cable is looped through the core, it acts as a filter for common-mode noise while allowing the desired signal to pass. * **ESD Protection:** While its primary role is EMI filtering, it provides a secondary layer of protection against Electrostatic Discharge (ESD) transients by increasing the impedance of the line. ### 3. Application Areas These cores are commonly found in: 1. **Consumer Electronics:** Power cords for laptops, gaming consoles, and TVs. 2. **Industrial Equipment:** Control cables and sensor wiring prone to electrical noise. 3. **Medical Devices:** Protecting sensitive diagnostic equipment from external interference. 4. **Automotive:** Managing noise in infotainment and electronic control units (ECU). ### 4. Installation Method The ESD-R-12D is a **solid core**, meaning it is not a "snap-on" type. * **Installation:** The wire or cable must be threaded through the center of the ring during the manufacturing or assembly process. * **Performance Tip:** Winding the wire through the core multiple times (creating "turns") increases the impedance and filtering effectiveness exponentially. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Mn-Zn and Ni-Zn ferrite materials?
    • ⤷ How do I calculate the required number of turns for an ESD-R-12D core?
    • ⤷ Are there snap-on alternatives to the ESD-R-12D for existing cables?