Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESD-R-12F

  • AI
    The **ESD-R-12F** is a high-performance EMI (Electromagnetic Interference) suppression core designed for noise reduction in electronic circuits. It belongs to the **ESD-R series** manufactured by TOKIN (now part of KEMET/Yageo). --- ## 1. Technical Specifications The following table summarizes the key physical and electrical characteristics of the ESD-R-12F: | Parameter | Specification | | :--- | :--- | | **Material** | Manganese-Zinc (Mn-Zn) Ferrite | | **Core Shape** | Round / Toroidal (Ring) | | **Outer Diameter (OD)** | 12.0 mm | | **Inner Diameter (ID)** | 7.0 mm | | **Thickness (H)** | 5.0 mm | | **Frequency Range** | High-frequency noise suppression | | **Operating Temperature** | -25°C to +85°C | --- ## 2. Key Features and Functions The ESD-R-12F is primarily used to manage electromagnetic compatibility (EMC). * **Noise Absorption:** Unlike filters that reflect noise back to the source, this ferrite core absorbs high-frequency noise and converts it into a small amount of heat. * **Mn-Zn Material:** This material provides high impedance in specific frequency bands, making it highly effective against conducted emissions. * **Cable Application:** It is designed to be looped around wires or cables to suppress common-mode noise. --- ## 3. Applications These components are commonly found in: 1. **Consumer Electronics:** PC peripherals, gaming consoles, and television sets. 2. **Industrial Equipment:** Signal lines for sensors and control units. 3. **Power Supplies:** Suppressing ripples and high-frequency noise on output DC cables. 4. **Office Automation:** Copiers, printers, and scanners. --- ## 4. Implementation (Code/Simulation Representation) While the physical part doesn't run code, engineers often model the impedance ($Z$) vs Frequency ($f$) in simulation tools (like LTSpice). ```python # Conceptual representation of Impedance (Z) calculation # for a ferrite bead in a simulation environment def calculate_impedance(frequency_hz, permeability, dimensions): # Simplified model: Impedance increases with frequency # and material properties until resonance. base_impedance = (permeability * frequency_hz * dimensions['thickness']) return base_impedance part_dims = {'OD': 12, 'ID': 7, 'thickness': 5} freq = 100e6 # 100 MHz print(f"Estimated Impedance at 100MHz: {calculate_impedance(freq, 0.85, part_dims)} Ohms") ```
    ✨ Follow-up Questions
    • ⤷What is the difference between Mn-Zn and Ni-Zn ferrite materials?
    • ⤷ How do I calculate the number of turns needed for an ESD-R-12F core?
    • ⤷ Does the ESD-R-12F come with a plastic casing?