Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESD-R-14A

  • AI
    The **ESD-R-14A** is a specific type of **EMI (Electromagnetic Interference) Core** or **Ferrite Core** manufactured by KEMET. It is designed to suppress high-frequency noise in electronic circuits by being clamped or slid onto cables. --- ### 1. Technical Specifications The ESD-R series are round, solid ferrite cores. Below are the primary specifications for the **14A** model: | Parameter | Specification | | :--- | :--- | | **Material** | Manganese-Zinc (Mn-Zn) | | **Outer Diameter (A)** | 14.3 mm | | **Inner Diameter (B)** | 6.3 mm | | **Height (C)** | 13.8 mm | | **Temperature Range** | -25°C to +85°C | | **Frequency Range** | High frequency (FM band range) | --- ### 2. Core Functionality The ESD-R-14A works based on the principles of magnetic inductance to clean electrical signals: * **Inductive Impedance:** When a conductor (wire) passes through the ferrite core, the core acts as an inductor. It provides low impedance to low-frequency signals (the desired data/power) but high impedance to high-frequency noise. * **Heat Dissipation:** The high-frequency noise energy is absorbed by the magnetic material and dissipated as a negligible amount of heat. * **Common Mode Choke:** It is primarily used to suppress "Common Mode" noise, which is noise that flows in the same direction on both lines of a pair. --- ### 3. Key Features * **Broadband Suppression:** Effective against interference in the MHz range. * **Solid Construction:** Unlike "split-core" (snap-on) ferrites, the ESD-R-14A is a solid ring, offering better magnetic performance but requiring the cable to be threaded through during assembly. * **Mn-Zn Material:** This specific material composition is optimized for lower frequency ranges compared to Nickel-Zinc (Ni-Zn) cores, though it still covers significant EMI bands. --- ### 4. Applications The ESD-R-14A is commonly found in the following environments: 1. **Consumer Electronics:** Power cables for laptops and televisions. 2. **Industrial Equipment:** Signal lines for sensors and controllers to prevent false triggering from noise. 3. **Medical Devices:** Ensuring high signal integrity for sensitive monitoring equipment. 4. **Office Equipment:** Reducing radiated emissions from printers and copiers. --- ### 5. Installation Note To increase the effectiveness of the ESD-R-14A, a technician can loop the wire through the core multiple times (turns). * **1 Turn:** Standard suppression. * **2+ Turns:** Increases the impedance exponentially, providing better suppression at lower frequencies.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Mn-Zn and Ni-Zn ferrite materials?
    • ⤷ How do I calculate the required impedance for an EMI core?
    • ⤷ Can the ESD-R-14A be used for automotive grade applications?