Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESD-R-14S

  • AI
    The **ESD-R-14S** is a specialized electronic component categorized as an **EMI Core** or **Ferrite Core**. It is primarily used for noise suppression and electromagnetic interference (EMI) filtering in electronic circuits. --- ## 1. Technical Overview The ESD-R-14S belongs to the **ESD-R Series** manufactured by **KEMET** (and formerly TOKIN). These are manganese-zinc (MnZn) or nickel-zinc (NiZn) ferrite cores designed to be used with round cables. ### Key Specifications | Parameter | Description | | :--- | :--- | | **Material Type** | Manganese-Zinc (MnZn) | | **Core Shape** | Toroidal (Ring) | | **Inside Diameter (ID)** | 14.3 mm (approx.) | | **Outside Diameter (OD)** | 25.0 mm (approx.) | | **Thickness (H)** | 12.0 mm (approx.) | | **Function** | EMI/RFI Suppression | | **Frequency Range** | Low to High frequency (Broadband) | --- ## 2. Working Principle The ESD-R-14S works on the principle of **Inductive Reactance**. When a cable passes through the ring: 1. It acts as a one-turn inductor. 2. High-frequency noise (EMI) is converted into a small amount of heat within the ferrite material. 3. The desired low-frequency signals pass through unaffected, while high-frequency interference is "choked" or attenuated. --- ## 3. Physical Construction * **Form Factor:** A solid ring (toroid) of dark grey ceramic-like material. * **Coating:** These cores are often bare (uncoated) or have a thin protective epoxy/resin coating to prevent chipping. * **Installation:** To be effective, the cable must be threaded through the center. For increased performance, the cable can be looped through the center multiple times. --- ## 4. Common Applications The ESD-R-14S is widely used in both consumer and industrial electronics to ensure compliance with EMC (Electromagnetic Compatibility) standards. * **Power Supplies:** Reducing noise on AC input or DC output lines. * **Consumer Electronics:** Used in TVs, gaming consoles, and audio equipment to prevent "buzzing" or signal distortion. * **Office Equipment:** Copiers, printers, and scanners. * **Industrial:** Suppression of noise generated by motors or switching regulators. --- ## 5. Summary of Benefits * **Cost-Effective:** Simple way to solve EMI issues without redesigning the PCB. * **Broadband Suppression:** Effective across a wide range of frequencies. * **Stability:** High resistance to heat and humidity.
    ✨ Follow-up Questions
    • ⤷ What is the difference between MnZn and NiZn ferrite materials in the ESD-R series?
    • ⤷ How many turns of a cable should be used with the ESD-R-14S for maximum noise reduction?
    • ⤷ How does the impedance profile of the ESD-R-14S change with frequency?